Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EA0FP161-7SW Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # EA0FP161-7SW
Description  OPERATING UNIT 160x104 with touch panel
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EA0FP161-7SW Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button EA0FP161-7SW Datasheet HTML 13Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 14Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 15Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 16Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 17Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 18Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 19Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 20Page - List of Unclassifed Manufacturers EA0FP161-7SW Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
EAeDIP160-7
Page 17
ELECTRONIC ASSEMBLY reserves
the right to change specifications
without prior notice. Printing and
typographical
errors
reserved.
ADJUSTTOUCHPANEL
The touch panel is perfectly adjusted and immediately ready for operation on delivery. As a result of
aging and wear, it may become necessary to readjust the touch panel.
Adjustment procedure:
1. Touch the touch panel at power-on and keep it depressed. After the message “touch adjustment?”
appears, release the touch panel again (or issue the ‘ESC @’ command).
2. Touch the touch panel again within a second for at least a second.
3. Follow the instructions for adjustment (press the 2 points upper left and lower right).
Commands for the touch panel
after
reset
Command
Codes
Remarks
Settings
Touch frame form
ESC
A
E
n1
The frame type for the display of touch keys/switches is set with n1
1
Radio group for switches
ESC
A
R
nr
Only 1 switch in a group is active at any one time; all the others are deactivated. nr=0: newly
defined switches do not belong to a group. nr=1 to 255: newly defined switches belong to the
group with the number nr. In the case of a switch in a group, only the down code is applicable.
the up code is ignored.
0
Touch: Label font
Label font
ESC
A
F
nr
Set font with the number n1 (0 to 31) for touch key label
0
Label zoom factor
Z
n1
n2
n1 = X zoom factor (1x to 8x); n2 = Y zoom factor (1x to 8x)
1,1
Add. line spacing
Y
n1
Insert n1 pixels (0 to 15) between two lines of text as additional line spacing
Label angle
W
n1
Text output angle: n1=0: 0°; n1=1: 90°; n1=2: 180°; n1=3: 270°
0
Touchbereiche definieren
Define touch key (key
remains depressed as long
as there is contact)
ESC
A
T
x1
y1
x2
y2
dow
Cod
up
Cod
Text
...
NUL
'T': The area from xx1,yy1 to xx2,yy2 is defined as a key. 'U': Image no. n1 is
loaded to xx1,yy2 and defined as a key. 'down code':(1-255) Return/touch
macro when key pressed. 'up code': (1-255) Return/touch macro when key
released. (down/up code = 0 press/release not reported). ´text´: the first
character determines the alignment of the text (C=centered, L=left justified,
R=right justified). this is followed by a string that is placed in the key with the
current touch font. multiline texts are separated with the character '|' ($7C,
dec: 124); 'nul': ($00) = end of string
U
x1
y1
n1
dow
Cod
up
Cod
Text
...
NUL
Define touch switch (status
of the switch toggles after
each contact)
ESC
A
K
x1
y1
x2
y2
dow
Cod
up
Cod
Text
...
NUL
'K': The area from xx1,yy1 to xx2,yy2 is defined as a switch. 'J': Image no. n1
is loaded to xx1,yy2 and defined as a switch. 'down code': (1-255)
Return/touch macro when switched on. 'up code': (1-255) Return/touch macro
when switched off. (down/up code = 0 on/off not reported). ´text´: the first
character determines the alignment of the text (C=centered, L=left justified,
R=right justified). this is followed by a string that is placed in the key with the
current touch font. multiline texts are separated with the character '|' ($7C,
dec: 124); 'nul': ($00) = end of string
J
x1
y1
n1
dow
Cod
up
Cod
Text
...
NUL
Define touch key with menu
function
ESC
A
M
x1
y1
x2
y2
dow
Cod
up
Cod
mnu
Cod
Text
...
NUL
The area from xx1,yy1 to xx2,yy2 is defined as a menu key. 'down
code':(1-255) Return/touch macro when pressed. 'up Code':(1-255)
Return/touch macro when menu canceled 'mnu Code':(1-255)
Return/menu macro+(item no. 1) after selection of a menu item.
(down/up code = 0: activation/cancellation is not reported.) 'text':= string
with the key text and the menu items. the first character determines the
direction in which the menu opens (R=right, L=left, O=up, U=down). The
second character determines the alignment of the touch key text
(C=centered, L=left justified, R=right justified). The menu items are
separated by the character '|' ($7C,dec:124) (e.g.
"uckey|item1|item2|item3". The key text is written with the current touch
font and the menu items are written with the current menu font. The
background of the menu is saved automatically.
Define drawing area
ESC
A
D
x1
y1
x2
y2
n1
A drawing area is defined. You can then draw with a line width of n1 within the corner
coordinates xx1,yy1 and xx2,yy2.
Define free touch area
ESC
A
H
x1
y1
x2
y2
A freely usable touch area is defined. Touch actions (down, up and drag) within the corner
coordinates xx1,yy1 and xx2,yy2 are sent.
Set bar by touch
ESC
A
B
nr
The bar graph with the no. n1 is defined for input by touch panel.
Global settings
Touch query on/off
ESC
A
A
n1
Touch query is deactivated (n1=0) or activated (n1=1);
1
Touch key response
ESC
A
I
n1
Automatic inversion when touch key touched: n1=0=OFF; n1=1=ON;
1
S
n1
Tone sounds briefly when a touch key is touched: n1=0=OFF; n1=1=ON
1
Send bar value
automatically
ESC
A
Q
n1
The Automatic transmission of a new bar graph value by touch input is deactivated (n1=0);
a new value is sent after setting (n1=1); each change is sent during setting (N1=2).
1
Other commands
Invert touch key
ESC
A
N
Cod
The touch key with the assigned return code is inverted manually
Set touch switch
P
Cod
n1
The status of the switch is changed by means of a command (n1=0=off; n1=1=on).
Query touch switch
X
Cod
The status of the switch (off=0; on=1) is placed in the send buffer.
Radiogroup abfragen
G
nr
Der downcode des aktivierten Schalters aus der Radiogroup mit der Nummer nr wird in den
Sendepuffer gestellt.
Delete touch area
ESC
A
L
Cod
n1
The touch area with the return code (code=0: all touch areas) is removed from the touch query.
When n1=0, the area remains visible on the display; when n1=1, the area is deleted.
V
x1
y1
n1
remove the Touch area that includes the coordinates xx1,yy1 from the touch query. n1=0: area
remains visible; n1=1: Delete area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com