Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP-DSG2 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # DP-DSG2
Description  SOLDERING, DESOLDERING AND REWORK SYSTEMS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP-DSG2 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button DP-DSG2 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 10Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 11Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 12Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 13Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 14Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 15Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 16Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
page
11
MX Tips
page
10
MX Tips
STDC
Desoldering System Ti p Car tridges
STANDARD TIP CARTRIDGES
Part No.
A
B
STDC-X 02
.025 (0.64)
.055 (1.40)
STDC-X 03
.030 (0.76)
.066 (1.68)
STDC-X 04
.040 (1.02)
.070 (1.78)
STDC-X 05
.050 (1.27)
.080 (2.03)
STDC-X 06
.060 (1.52)
.090 (2.29)
STDC-X 07
.095 (2.41)
.125 (3.18)
0.400"
Standard
Long Reach
LONG REACH TIP CARTRIDGES
Part No.
A
B
STDC-X 03L
.030 (0.76)
.066 (1.68)
STDC-X 04L
.040 (1.02)
.070 (1.79)
STDC-X 05L
.050 (1.27)
.080 (2.03)
TATC
Talon ® Ti p Car tridges
Part No.
Description
TATC-X01
Fine Point Tip .20” (5.08mm)
TATC-X02
Blades Tip .25” (6.35mm)
TATC-X03
Blades Tip .62” (5.75mm)
TATC-X04
Blades Tip .81” (20.57mm)
TATC-X05
TSOP 32 Tip
TATC-X06
Blades Tip 1.1” (27.94mm)
TATC-X08
Angled Viper Tip .05” (1.27mm)
500 SERIES X =5
600 SERIES X =6
Designed for the removal of all discrete and SO symmetrical components. TATC tip car tridges for
Ta l o n
®
hand-pieces are always sold in pairs. Due to its shape and design, by simply rotating the
Ta l o n
® , a single TATC car tridge can remove a 28 pin SOIC, a tantalum or an 0603 chip capacitor
without changing tips. Metcal’s new Viper Tip is shown in the main photograph below.
Depending on available access, choose one of two desoldering tip car tridge configurations:
standard STDC or long reach STDC. Like all Metcal tip car tridges, STDC changeover takes just a few
seconds. When desoldering through-hole components, on thermally demanding PCBs, always use
the correct geometr y for the task. This may mean choosing an 800 series (high temperature) tip.
600 SERIES X =0
700 SERIES X =1
800 SERIES X =8
700 SERIES X =7
800 SERIES X =8
SLOT TIP CARTRIDGES
DIMENSIONS IN INCHES (mm)
SMT TYPE
A
B
D
Part No.
Chip 0805
.090 (2.29)
.050 (1.27)
.070 (1.79)
SMTC-X 01
Chip 1206, 1210
.140 (3.56)
.060 (1.52)
.070 (1.79)
SMTC-X 02
Chip 1808, 1812
.190 (4.83)
.080 (2.03)
.075 (1.91)
SMTC-X 03
Chip, Box A (EIA SOPM-3224)
.135 (3.43)
.080 (2.03)
.120 (3.05)
SMTC-X 35
Chip, Box B (EIA SOPM-3528)
.150 (3.81)
.095 (2.41)
.100 (2.54)
SMTC-X 32
Melf, Box B (EIA SOPM-4532)
.190 (4.83)
.110 (2.79)
.160 (4.06)
SMTC-X 36
Chip, Box C (EIA SOPM-6032)
.250 (6.35)
.095 (2.41)
.130 (3.30)
SMTC-X 33*
Chip, Box D (EIA SOPM-7246)
.300 (7.62)
.100 (2.54)
.140 (3.56)
SMTC-X 34*
SOT-23
.068 (1.73)
.100 (2.54)
.050 (1.27)
SMTC-X 05
SOT-89
.110 (2.80)
.250 (6.35)
.080 (2.03)
SMTC-X 08
Chip 0402, 0603, 0805 (angled)
.080 (2.03)
.050 (1.27)
.060 (1.52)
SMTC-X88
Chip 0402, 0603
.070 (1.78)
.040 (1.02)
.040 (1.02)
SMTC-X96
B
A
D
500 SERIES X =5
600 SERIES X =0
700 SERIES X =1
* =NOT AVAIL ABLE FOR 500 SERIES
SMTC
SMT Rework Ti p Car tridges
Designed for reworking SMT components, SMTC tip car tridges do it all – assembly, removal and
cleaning. The SMTC range includes slot, tunnel and quad tip car tridges. The SMTC range also
includes hoof tips for drag soldering, blade tips to remove residual solder from pads, and knife tips
for multi-lead soldering of PLCCs in tight places.
Please note: SMTC soldering tip car tridges are for use with the MX-RM3E soldering/rework hand-
pieces for STSS/MX systems only. They cannot be used with SP systems, Ta lon
®
hand-pieces or
desolder hand-pieces.
DIAMETERS IN INCHES (mm)
B
A
MX 500
22/11/01
2:26 pm
Page 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com