Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP-DSG2 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DP-DSG2
Description  SOLDERING, DESOLDERING AND REWORK SYSTEMS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DP-DSG2 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DP-DSG2 Datasheet HTML 4Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 5Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 6Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 7Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 8Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 9Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 10Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 11Page - List of Unclassifed Manufacturers DP-DSG2 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
page
07
MX Tips
page
06
MX-500
Pistol Grip SMT Desoldering/Rework System
The MX-500DS Desoldering/Rework System conver ts shop air into a powerful Venturi vacuum to clean
through-holes quickly and efficiently. Paper solder collection liners within the hand-piece barrel are easy
to maintain and are an improvement upon traditional glass tubes.
Please note: The MX-500DS Desoldering/Rework System requires shop air for desoldering. If shop air is not
available, Metcal recommends the SP440 Self- Contained Desoldering System.
Tip cartridges sold separately from all systems. *220/240 VAC systems do not include power cords.
STTC
Soldering Ti p Car tridges
FREQUENTLY USED TIP C ARTRIDGES
.10"
.39"
9.9mm
2.5mm
STT C -X 36 *
Chisel 30° .10” (2.5mm)
Fo r medium to heavy load joints requiring e x tra reach.
STTC soldering tip car tridges are for use with the MX and the STSS soldering/rework hand-pieces only.
They cannot be used with the SP systems, the Ta lon
®
or desoldering hand-pieces.
.39"
.07"
9.9mm
1.78mm
STT C -X 37 *
Chisel 30° .07”(1.78mm)
Fo r a wide variety of tasks. If you are choosing the first tip for your
Metcal system, the STTC - 037 is ideal.
.06"
.39"
1.5mm
9.9mm
STT C -X 38 *
Chisel 30° .06” (1.5mm)
A finer version of the STTC - 037. Ideal for medium to light through-
hole and general sur f ace mount touch-up.
.36"
.04"
1.0mm
9.1mm
STT C -X 25
Chisel 30° .04” (1.0mm)
Good for a variety of light soldering tasks. Looking for a sur face
mount touch-up tip? The STTC - 025 should be your first choice.
.33"
.016"
8.4mm
0.4mm
STT C -X 07
Conical Sharp .04” (1.0mm)
General-purpose SMT and through-hole tip when access is limited.
.54"
0.4mm
.016"
13.7mm
STT C -X 22
Conical Sharp .016” (0.4mm)
Sharp tip car tridges for soldering SMT components or fine wire
applications (not for general through-hole tasks).
.63"
.016"
16.0mm
0.4mm
STT C -X 06
Conical Sharp .016” (0.4mm)
Fo r limited access SMT rework.
.58"
.016"
14.7mm
0.4mm
STT C -X 40
Sharp Bent 30° .016” (0.4mm)
Tip for soldering SMT components. The bend makes it much
easier to work on small circuits and PLCCs.
.66"
.04"
16.7mm
1.0mm
STT C -X 45
Bevel 60° .016” (0.4mm)
An e xtended length fine tip for sur face mount or fine wire
applications (not for general through-hole tasks).
MX-D001
Desolder Upgrade Kit
INCLUDES
MX-DS1
Desoldering Hand-Piece
MX-RM8E
Desoldering Cord
MX-DAH4
ESD Air Hose with Fitting
MX-WS5
Workstand
MX-YS3
Sponge
MX-CP2
Cartridge Removal Pad
AC-CB1
Cleaning Brush
AC-CB2
Tube Cleaning Brush
MX-DCF1
Chamber Liner and Filter Pack
AC-TC
Desoldering Tip Cleaner
DESOLDER UPGRADE KIT
Part No.
Description
MX-500DS-11
Two Port 100/120 VAC, Desolder/Solder System
MX-500DS-21
Two Port 220/240 VAC, Desolder/Solder System
INCLUDES
MX-500P
Two Port Switchable Power Supply with Power Cord*
MX-DS1
Desoldering Hand-Piece
MX-RM3E
Rework Hand-Piece with Cord
MX-RM8E
Desoldering Cord
MX-DAH4
ESD Air Hose with Fitting
MX-WS5
Workstand
AC-YS3 (x2)
Sponge (2)
AC-CP2 (x2)
Cartridge Removal Pad (2)
AC-CB1
Cleaning Brush
AC-CB2
Tube Cleaning Brush
MX-DCF1
Chamber Liner and Filter Pack
AC-TC
Desoldering Tip Cleaner
MX-500DS SMT DESOLDERING/REWORK SYSTEM
MX-500
Soldering, Desoldering & Rework System
500 SERIES X =5
600 SERIES X =0
700 SERIES X =1
800 SERIES X =8, WHEN FOLL OWED BY AN *
MX 500
22/11/01
2:25 pm
Page 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com