Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2-100Q Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PS2-100Q
Description  Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2-100Q Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PS2-100Q Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 6Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 7Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MINIATURE SWITCHES
6
Litho in U.S.A GG
SPECIFICATIONS
Contact Rating — Letter codes G and Q (1 Pole) 5
amp resistive @ 125 VAC (U.L. recognized, CSA
certified
) or 5 amp resistive @ 28 VDC. (2 pole) 1 amp
resistive @ 125 VAC (U.L. recognized, CSA certified) or
1 amp resistive @ 28 VDC.
Letter codes B and G — (1 and 2 Poles) 0.4 Volt-
amps (VA) maximum @ 28 V maximum (AC or DC).
Contact Resistance — 50 milliohms maximum.
Insulation Resistance — 1,000 megohms minimum.
Dielectric Strength — 1,000 volts RMS minimum at
sea level.
Electrical Life — 60,000 cycles minimum at full load-
resistive.
Maximum Allowable Installation Force on Plunger
— 10 pounds.
Multi-pole contacts do not make and break simul-
taneously.
MATERIALS
Case — Diallyl Phthalate.
Bushing — Brass, nickel plated.
Housing — Stainless steel.
Plunger — Thermoplastic.
Common Contact — Refer to contact material
table above.
Center & End Contact — Refer to contact material
table above.
Basic P/N
Terminal Type
Poles
Cap Size
Cap Color
Contact Material-Type
9 - Horizontal Right Angle
0 - No Cap
0 - No Cap
B - Gold/Nickel/Brass
10 - Vertical Right Angle
1 - One
1 - .200 Dia.
1 - Black
G- Gold/Nickel/Silver
PS
(.100 Terminal Spacing)
2 - .375 Dia.
2 - White
Q - Coin Silver
11 - Vertical Right Angle 0.4 VA
2 - Two
3 - .450 Sq.
3 - Red
(.150 Terminal Spacing)
4 - .310 Dia.
Single pole circuit rated 5 amps, double pole circuit rated 1 amp.
Ratings are 0.4 VA — 28 VAC or DC.
ORDERING EXAMPLES:
PS9-100B =
(PC mounted 0.4 VA)
One-pole
No Cap
No Color
Brass Contacts
PS
9
-
1
0
0
B
PS10-221Q=
(PC mounted 1 amp.)
Two-pole
.375 Dia.
Black Cap
Coin Silver Contacts
PS
10
-
2
2
1
Q
Gold/Nickel/
Sensitive Snap-Action Pushbutton Switches —
P.C. Terminals (Momentary Action)
RIGHT ANGLE P.C. MOUNT SWITCHES
PS
SERIES
5 AMP. (S.P.)
1 AMP. (D.P.)
0.4VA
Right Angle P.C. Terminal
Description
P/N
Color
W-KN-16
Black
W-KN-16A
White
W-KN-16B
Red
W-KN-32
Black
W-KN-32A
White
W-KN-32B
Red
W-KN-17
Black
W-KN-17A
White
W-KN-17B
Red
W-KN-18
Black
W-KN-18A
White
W-KN-18B
Red
Square Cap
.450
Large Cap
.375
Medium Cap
.310
Small Cap
.200
EPOXY SEAL
STD. FOR
THESE SERIES



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com