Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2-100Q Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PS2-100Q
Description  Sensitive Snap-Action Pushbutton Switches ??Solder and P.C. Terminals (Momentary Action)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS2-100Q Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PS2-100Q Datasheet HTML 1Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 2Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 3Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 4Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 5Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 6Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 7Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 8Page - List of Unclassifed Manufacturers PS2-100Q Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
MINIATURE SWITCHES
Litho in U.S.A GG
7
PS 9
Sensitive Snap-Action Pushbutton Switches —
P.C. Terminals (Momentary Action)
RIGHT ANGLE P.C. MOUNT SWITCHES
PS
SERIES
5 AMP. (S.P.)
1 AMP. (D.P.)
0.4VA
ONE POLE
EPOXY SEALED P.C. TERMINALS ARE SUPPLIED AS STANDARD FOR THESE OPTIONS.
1 Pole P.C. Mounting
PS 9
TWO POLE
2 Pole P.C. Mounting
PS 10
TWO POLE
2 Pole P.C. Mounting
PS 11
TWO POLE
2 Pole P.C. Mounting
PS 10
ONE POLE
1 Pole P.C. Mounting
PS 11
ONE POLE
1 Pole P.C. Mounting
EPOXY SEALED P.C. TERMINALS ARE SUPPLIED AS STANDARD FOR THESE OPTIONS.
EPOXY SEALED P.C. TERMINALS ARE SUPPLIED AS STANDARD FOR THESE OPTIONS.
EPOXY SEALED P.C. TERMINALS ARE SUPPLIED AS STANDARD FOR THESE OPTIONS.
EPOXY SEALED P.C. TERMINALS ARE SUPPLIED AS STANDARD FOR THESE OPTIONS.
EPOXY SEALED P.C. TERMINALS ARE SUPPLIED AS STANDARD FOR THESE OPTIONS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com