Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6946 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC6946
Description  Ultralow Noise and Spurious 0.37GHz to 5.7GHz Integer-N Synthesizer with Integrated VCO
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6946 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC6946 Datasheet HTML 4Page - Linear Technology LTC6946 Datasheet HTML 5Page - Linear Technology LTC6946 Datasheet HTML 6Page - Linear Technology LTC6946 Datasheet HTML 7Page - Linear Technology LTC6946 Datasheet HTML 8Page - Linear Technology LTC6946 Datasheet HTML 9Page - Linear Technology LTC6946 Datasheet HTML 10Page - Linear Technology LTC6946 Datasheet HTML 11Page - Linear Technology LTC6946 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
LTC6946
8
6946fa
LTC6946-1 VCO Phase Noise vs fVCO,
Output Divide (fOFFSET = 1MHz)
Closed-Loop Phase Noise, Loop
Bandwidth = 40kHz, LTC6946-1
LTC6946-1 VCO Phase Noise vs fVCO,
Output Divide (fOFFSET = 10kHz)
LTC6946-2 VCO Phase Noise vs fVCO,
Output Divide (fOFFSET = 10kHz)
LTC6946-2 VCO Phase Noise vs fVCO,
Output Divide (fOFFSET = 1MHz)
Closed-Loop Phase Noise, Loop
Bandwidth = 25kHz, LTC6946-3
LTC6946-3 VCO Phase Noise vs fVCO,
Output Divide (fOFFSET = 10kHz)
LTC6946-3 VCO Phase Noise vs fVCO,
Output Divide (fOFFSET = 1MHz)
LTC6946-2 Supply Current
vs Temperature
TYPICAL PERFORMANCE CHARACTERISTICS
TC = 25°C, VREF+ = VREFO+ = VD+ = VRF+ = 3.3V, VCP+ = VVCO+ = 5V, RFO[1:0] = 3,unless otherwise noted.
fVCO (MHz)
2200
–105
–100
–95
–90
–85
–75
2450
2700
2950
3200
6946 G19
3450
3700
–80
fRF = fVCO/O
O = 1
O = 2
O = 3
O = 6
O = 5
O = 4
fVCO (MHz)
3000
–100
–95
–90
–85
–80
–70
3250 3500 3750 4000 4250
6946 G20
4500 4750
–75
fRF = fVCO/O
O = 1
O = 2
O = 3
O = 6
O = 5
O = 4
fVCO (MHz)
3800
–80
–75
–70
4550
5050
5800
6946 G21
–85
–90
–95
4050 4300
4800
5300 5550
fRF = fVCO/O
O = 1
O = 2
O = 3
O = 4
O = 6
O = 5
fVCO (MHz)
2200
–150
–145
–140
–135
–125
2450
2700
2950
3200
6946 G22
3450
3700
–130
fRF = fVCO/O
O = 1
O = 2
O = 3
O = 6
O = 4
O = 5
fVCO (MHz)
3000
–150
–145
–140
–135
–125
3250 3500 3750 4000 4250
6946 G23
4500 4750
–130
fRF = fVCO/O
fOFFSET = 1MHz
O = 1
O = 2
O = 3
O = 6
O = 5
O = 4
fVCO (MHz)
3800
–130
–125
–120
4550
5050
5800
6946 G24
–135
–140
–145
4050 4300
4800
5300 5550
fRF = fVCO/O
O = 1
O = 2
O = 3
O = 4
O = 6
O = 5
OFFSET FREQUENCY (Hz)
–140
–130
–110
–90
100
10k
100k
10M 40M
6946 G25
–150
1k
1M
–100
–120
–160
RMS NOISE = 0.169°
fRF = 900MHz
fPFD = 1MHz
OD = 3
fSTEP = 333.3kHz
NOTE 12
OFFSET FREQUENCY (Hz)
–140
–130
–110
–90
100
10k
100k
10M 40M
6946 G26
–150
1k
1M
–100
–120
–160
RMS NOISE = 0.276°
fRF = 900MHz
fPFD = 250kHz
OD = 5
fSTEP = 50kHz
NOTE 11
TC (°C)
–40
80
82
84
86
–20
0
20
40
6946 G27
60
88
90
81
83
85
87
89
45
47
49
51
53
55
46
48
50
52
54
80
100
PDREFO = 1
O = 1
RFO = 3
MUTE = 0
ICP = 11.2mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com