Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC457S0NIP0F Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC457S0NIP0F
Description  High Speed 1Mb/s, High CMR Mini-fl at Package OPIC Photo-coupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC457S0NIP0F Datasheet(HTML) 2 Page - Sharp Corporation

  PC457S0NIP0F Datasheet HTML 1Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 2Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 3Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 4Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 5Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 6Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 7Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 8Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Sheet No.: D2-A09101EN
PC457S0NIP0F Series
1.27±
0.05
0.406±
0.076
4
8
7
6
5
Primary side
mark
Date code
Rank mark
PC457S
SHARP
mark
"S"
5.080±
0.127
0.305
MIN.
12
3
1.27±
0.05
0.406±
0.076
4
VDE Identification mark
8
7
6
5
Primary side
mark
Date code
Rank mark
PC457S
4
SHARP
mark
"S"
5.080±
0.127
0.305
MIN.
12
3
■ Internal Connection Diagram
■ Outline Dimensions
1. Mini-flat Package [ex. PC457S0NIP0F]2. Mini-flat Package (VDE option) [ex. PC457S0YIP0F]
(Unit : mm)
Product mass : approx. 0.15g
Product mass : approx. 0.15g
1
2
3
4
5
6
7
8
N.C.
∗
Anode
Cathode
N.C.
∗
∗As for N.C. pins (➀, ➃, ➆), external
connection is not allowed.
N.C.
∗
GND
VO (Open collector)
VCC
4
3
2
1
5
6
7
8
Plating material : Pd (Au flush)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com