Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC457S0NIP0F Datasheet(PDF) 6 Page - Sharp Corporation

Part # PC457S0NIP0F
Description  High Speed 1Mb/s, High CMR Mini-fl at Package OPIC Photo-coupler
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC457S0NIP0F Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PC457S0NIP0F Datasheet HTML 2Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 3Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 4Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 5Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 6Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 7Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 8Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 9Page - Sharp Corporation PC457S0NIP0F Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Sheet No.: D2-A09101EN
PC457S0NIP0F Series
Fig.1 Test Circuit for Propagation Delay Time
Fig.2 Test Circuit for Instantaneous Common Mode Rejection Voltage
tPHL
tPLH
5V
0V
RL
CL
VOL
1.5V
IF
IF
Pulse input
Pulse width
10μs
Duty ratio
1/10
IF
Monitor
VO
VO
VCC
100Ω
*CL includes the probe
and wiring capacitance.
5V
2V
0.8V
RL
CL
VOL
VO
VO
VO
VCC
IF
GND
VCM
+
−
SW
A
B
VCM
1.0kV
0V
CMH
CML
(IF=0)
(IF=16mA)
When SW is A
When SW is B
*CL includes the probe and wiring capacitance.
Fig.3 Forward Current vs.
Ambient Temperature
Fig.4 Power Dissipation vs.
Ambient Temperature
Ambient temperature Ta (˚C)
0
5
10
15
20
25
−55
0
25
50
100
125
75
85
Ambient temperature Ta (˚C)
0
20
40
45
60
80
100
−55
0
25
50
100
125
PI
PO
75
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com