Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

821-IF70.0M-R Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 821-IF70.0M-R
Description  70.0MHz IF SAW Filter 0.3 MHz Bandwidth
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-IF70.0M-R Datasheet(HTML) 3 Page - Oscilent Corporation

  821-IF70.0M-R Datasheet HTML 1Page - Oscilent Corporation 821-IF70.0M-R Datasheet HTML 2Page - Oscilent Corporation 821-IF70.0M-R Datasheet HTML 3Page - Oscilent Corporation 821-IF70.0M-R Datasheet HTML 4Page - Oscilent Corporation 821-IF70.0M-R Datasheet HTML 5Page - Oscilent Corporation 821-IF70.0M-R Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilent Part Number
821-IF70.0M-R
January 2011 Rev A
70.0MHz IF SAW Filter 0.3 MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
-55
-
85
Storage Temperature Range
°C
-55
-
85
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
Ω
-
50
-
Load Impedance (single ended)
(1)
Ω
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
69.9
70.0
70.1
Insertion Loss at Fo
dB
-
13.5
16.0
Amplitude Ripple Variation at Fo±100KHz
dBp-p
-
1.2
1.5
Group Delay Variation
nsec
-
300
1000
Absolute Delay at Fo
µsec
-
2.63
-
Temperature Coefficient
ppm/°C
-
-0.03
-
Bandwidth at –1.0 dB
MHz
0.12
0.18
Bandwidth at –3.0 dB
MHz
0.20
0.34
-
Bandwidth at –40.0 dB
MHz
-
1.10
1.20
Ultimate Attenuation
dB
60
65
-
Ultimate Rejection
dB
45
50
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com