Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5V6AL Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMBZ5V6AL
Description  24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5V6AL Datasheet(HTML) 1 Page - Diodes Incorporated

  MMBZ5V6AL Datasheet HTML 1Page - Diodes Incorporated MMBZ5V6AL Datasheet HTML 2Page - Diodes Incorporated MMBZ5V6AL Datasheet HTML 3Page - Diodes Incorporated MMBZ5V6AL Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DS30306 Rev. 5 - 2
1 of 4
MMBZ5V6AL - MMBZ33VAL
www.diodes.com
MMBZ5V6AL - MMBZ33VAL
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
·
Dual TVS in Common Anode Configuration
·
24W/40W Peak Power Dissipation Rating
@ 1.0ms (Unidirectional)
·
225 mW Power Dissipation
·
Ideally Suited for Automatic Insertion
·
Low Leakage
Features
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 1)
Pd
225
mW
Peak Power Dissipation (Note 2) MMBZ5V6AL - MMBZ10VAL
Ppk
24
W
Peak Power Dissipation (Note 2) MMBZ15VAL - MMBZ33VAL
Ppk
40
W
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
556
°C/W
Operating and Storage Temperature Range
Tj,TSTG
–65 to +150
°C
Maximum Ratings @TA = 25°C unless otherwise specified
·
Case: SOT-23, Molded Plastic
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Terminals: Solderable per MIL-STD-202,
Method 208
·
Polarity: See Diagram
·
Marking: Marking Code & Date Code,
See Page 2
·
Marking Code: See Table Below and Page 2
·
Weight: 0.008 grams (Approx.)
·
Ordering Information: See Page 2
Mechanical Data
A
E
J
L
TOP VIEW
M
B
C
H
G
D
K
@TA = 25°C unless otherwise specified
Electrical Characteristics
Type
Number
Marking
Code
VRWM
IR @
VRWM
Breakdown Voltage
VC @IPP (Note 2)
Typical
Temperature
Coefficient
VBR (Note 3) (V)
@ IT
VC
IPP
Volts
mA
Min
Nom
Max
mA
V
A
Tc (mV/
°C)
MMBZ5V6AL
K9A
3
5.0
5.32
5.6
5.88
20
8.0
3.0
1.8
24 Watt (VF = 0.9V max @ IF = 10mA)
Note:
1. Device mounted on FR-5 PCB 1.0 x 0.75 x 0.062 inch pad layout as shown on Diodes Inc. suggested pad layout AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 200mW per element must not be exceeded.
2. Non-repetitive current pulse per Figure 2 and derate above TA = 25
°C per Figure 1.
3. Short duration pulse test used to minimize self-heating effect.
Type
Number
Marking
Code
VRWM
IR @
VRWM
Breakdown Voltage
VC @IPP (Note 2)
Typical
Temperature
Coefficient
VBR (Note 3) (V)
@ IT
VC
IPP
Volts
mA
Min
Nom
Max
mA
V
A
Tc (%/
°C)
MMBZ6V8AL
K9C
4.5
0.5
6.46
6.8
7.14
1.0
9.6
2.5
+0.045
MMBZ9V1AL
K9D
6.0
0.3
8.65
9.1
9.56
1.0
14
1.7
+0.065
MMBZ10VAL
K9E
6.5
0.3
9.50
10
10.5
1.0
14.2
1.7
+0.065
24 Watt (VF = 1.1V max @ IF = 200mA)
SOT-23
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
a
0
°
8
°
All Dimensions in mm


Similar Part No. - MMBZ5V6AL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBZ5V6AL ONSEMI-MMBZ5V6AL Datasheet
70Kb / 8P
24 and 40 Watt Peak Power Zener Transient Voltage Suppressors
August, 2004 ??Rev. 7
logo
Diodes Incorporated
MMBZ5V6AL DIODES-MMBZ5V6AL Datasheet
448Kb / 4P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 9 - 2
MMBZ5V6AL DIODES-MMBZ5V6AL Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
logo
Rohm
MMBZ5V6AL ROHM-MMBZ5V6AL Datasheet
1Mb / 10P
Transient Voltage suppressor
MMBZ5V6AL ROHM-MMBZ5V6AL Datasheet
1Mb / 10P
Transient Voltage suppressor
More results

Similar Description - MMBZ5V6AL

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBZ15VDL DIODES-MMBZ15VDL Datasheet
73Kb / 3P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 3 - 2
MMBZ5V6AL DIODES-MMBZ5V6AL_1 Datasheet
448Kb / 4P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30306 Rev. 9 - 2
MMBZ15VDL DIODES-MMBZ15VDL_1 Datasheet
381Kb / 4P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 9 - 2
MMBZ5V6AL DIODES-MMBZ5V6AL_10 Datasheet
108Kb / 5P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev. 13 - 2 February 2010
MMBZ15VDL DIODES-MMBZ15VDL_08 Datasheet
136Kb / 4P
40W PEAK POWER DUAL SURFACE MOUNT TVS
DS30352 Rev. 11 - 2
MMBZ15VAL-7-F DIODES-MMBZ15VAL-7-F Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
MMBZ27VAL-7-F DIODES-MMBZ27VAL-7-F Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
MMBZ5V6AL DIODES-MMBZ5V6AL_13 Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
MMBZ20VAL-7-F DIODES-MMBZ20VAL-7-F Datasheet
199Kb / 6P
24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
Rev 14
logo
SeCoS Halbleitertechnol...
SMAJ SECOS-SMAJ_18 Datasheet
554Kb / 4P
Peak Power Surface Mount TVS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com