Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5V6AL Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMBZ5V6AL
Description  24W AND 40W PEAK POWER DUAL SURFACE MOUNT TVS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5V6AL Datasheet(HTML) 4 Page - Diodes Incorporated

  MMBZ5V6AL Datasheet HTML 1Page - Diodes Incorporated MMBZ5V6AL Datasheet HTML 2Page - Diodes Incorporated MMBZ5V6AL Datasheet HTML 3Page - Diodes Incorporated MMBZ5V6AL Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS30306 Rev. 5 - 2
4 of 4
MMBZ5V6AL - MMBZ33VAL
www.diodes.com
0.1
1.0
PULSE WIDTH (ms)
Fig. 7 Pulse Rating Curve,
P
(W)
vs. Pulse Width (ms)
pk (NOM)
Power is defined as P
= V
x I
pk(NOM)
BR(NOM)
pp
where V
is the nominal breakdown voltage
BR(NOM)
0.1
10
100
1.0
10
1000
10000
T= 25
°C
j
100
Non Repetitive
Pulse Waveform
(Rectangular)
Unidirectional
Bidirectional



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com