Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP418R Datasheet(PDF) 1 Page - SIPAT Co,Ltd

Part # SP418R
Description  418MHz SAW Resonator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPAT [SIPAT Co,Ltd]
Direct Link  http://www.sipatsaw.com
Logo SIPAT - SIPAT Co,Ltd

SP418R Datasheet(HTML) 1 Page - SIPAT Co,Ltd

  SP418R Datasheet HTML 1Page - SIPAT Co,Ltd SP418R Datasheet HTML 2Page - SIPAT Co,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Sichuan Institute of Piezoelectric and Acoustooptic Technology
z Ideal for European 418 MHz transmitters
z Low loss,High Q factor
z Quartz stability
z To—39 case
The SP418R is a true one-port ,surface-acoustic-wave(SAW) resonator in a low profile TO-39 case .It
provides reliable, fundamental-mode, quartz frequency stabilization of fixed-frequency transmitters
operating at 418MHz. The SP418R is designed specifically for remote-control and wireless security
transmitters operating in Europe under ETSII-ETS 300 200 and in Germany under FTZ 17 TR 2100
Absolute Maximum Rating
Rating
Value
CW RF power Dissipation
+13dBm
DC Voltage between any 2 pins
f30VDC
Case Temperature
-40 to +85

Electrical Characteristic
Characteristic
Sym
Unit
Minimum
Typical
Maximum
Center Frequency
F0
MHz
417.925
418
418.075
Insertion Loss
IL
dB
1.1
2.0
Unloaded Q
QU
11,000
Quality Factor
50
¡loaded Q
QL
2,150
Turnover Temperature
T0

28
43
58
Turnover Frequency
F0
KHz
F0+2.6
Temperature
Stability
Freq.Temp.Coefficient
FTC
ppm/
2
0.032
Frequency Aging
ppm/yr
<
f10
DC Insulation Resistance between any 2 pins
•¡
1.0
Motional resistance
Rm
¡
15
19
Motional Inductance
Lm
­H
67.0144
Motional Capacitance
Cm
fF
2.01212
Shunt Static Cap
C0
pF
1.7
2.1
2.3
RF
Equivalent
RLC
Model
Transducer Static Cap.
Cp
pF
1.8
127(
127(
 7HVW WHPSHUDWXUH±2.
 In test the shunt inductance is tuned for parallel resonance with C0 at fc.
 7KLV SDUW LV (OHFWURVWDWLF 'LVFKDUJH 6HQVLWLYH DQG PD\ EH GDPDJHG E\ LPSURSHU KDQGLQJ
32%R[  &KRQJTLQJ &KLQD 
7HO )D[ HPDLOVDZEDZ#VLSDWFRP
SP418R
418MHz SAW Resonator


Similar Part No. - SP418R

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP418R SIPAT-SP418R Datasheet
80Kb / 2P
418MHz SAW Resonator
More results

Similar Description - SP418R

ManufacturerPart #DatasheetDescription
logo
EPCOS
R960 EPCOS-R960 Datasheet
30Kb / 5P
SAW resonator
logo
SIPAT Co,Ltd
SP418R SIPAT-SP418R Datasheet
80Kb / 2P
418MHz SAW Resonator
logo
Shoulder Electronics Li...
HDRM_TO39 SHOULDER-HDRM_TO39 Datasheet
146Kb / 5P
SAW RESONATOR
HDRM_SMD-20 SHOULDER-HDRM_SMD-20 Datasheet
152Kb / 6P
SAW RESONATOR
logo
Integrated Technology F...
R31101 ITF-R31101 Datasheet
254Kb / 6P
SAW Resonator
2004-04-20
R31451 ITF-R31451 Datasheet
255Kb / 6P
SAW Resonator
2004-04-20
R31801 ITF-R31801 Datasheet
256Kb / 6P
SAW Resonator
2004-04-20
R40731 ITF-R40731 Datasheet
255Kb / 6P
SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0481A TAI-SAW-TC0481A Datasheet
460Kb / 6P
SAW Resonator 418MHz SMD 5.0X3.5 mm
logo
Shenzhen Luguang Electr...
LGER433 LUGUANG-LGER433 Datasheet
314Kb / 4P
SAW resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com