Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5259BT Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBZ5259BT
Description  150mW SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5259BT Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBZ5259BT Datasheet HTML 1Page - Diodes Incorporated MMBZ5259BT Datasheet HTML 2Page - Diodes Incorporated MMBZ5259BT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DS30267 Rev. C-2
2 of 3
MMBZ5221BT - MMBZ5259BT
Electrical Characteristics @ TA = 25°C unless otherwise specified
Type
Number
Marking
Code
Zener Voltage Range (Note 2)
Test
Current
Maximum Zener
Impedance (Note 4)
Maximum Reverse
Leakage Current (Note 2)
VZ @IZT
IZT
ZZT @ IZT
ZZK @IZK
= 0.25mA
IR
@VR
Nom (V)
Min (V)
Max (V)
mA
WmA
V
MMBZ5221BT
C1
2.4
2.28
2.52
20
30
1200
100
1.0
MMBZ5223BT
C3
2.7
2.57
2.84
20
30
1300
75
1.0
MMBZ5225BT
C5
3.0
2.85
3.15
20
30
1600
50
1.0
MMBZ5226BT
G1
3.3
3.14
3.47
20
28
1600
25
1.0
MMBZ5227BT
G2
3.6
3.42
3.78
20
24
1700
15
1.0
MMBZ5228BT
G3
3.9
3.71
4.10
20
23
1900
10
1.0
MMBZ5229BT
G4
4.3
4.09
4.52
20
22
2000
5.0
1.0
MMBZ5230BT
G5
4.7
4.47
4.94
20
19
1900
5.0
2.0
MMBZ5231BT
E1
5.1
4.85
5.36
20
17
1600
5.0
2.0
MMBZ5232BT
E2
5.6
5.32
5.88
20
11
1600
5.0
3.0
MMBZ5234BT
E4
6.2
5.89
6.51
20
7.0
1000
5.0
4.0
MMBZ5235BT
E5
6.8
6.46
7.14
20
5.0
750
3.0
5.0
MMBZ5236BT
F1
7.5
7.13
7.88
20
6.0
500
3.0
6.0
MMBZ5237BT
F2
8.2
7.79
8.61
20
8.0
500
3.0
6.5
MMBZ5239BT
F4
9.1
8.65
9.56
20
10
600
3.0
7.0
MMBZ5240BT
F5
10
9.50
10.50
20
17
600
3.0
8.0
MMBZ5241BT
H1
11
10.45
11.55
20
22
600
2.0
8.4
MMBZ5242BT
H2
12
11.40
12.60
20
30
600
1.0
9.1
MMBZ5243BT
H3
13
12.35
13.65
9.5
13
600
0.5
9.9
MMBZ5245BT
H5
15
14.25
15.75
8.5
16
600
0.1
11
MMBZ5246BT
J1
16
15.20
16.80
7.8
17
600
0.1
12
MMBZ5248BT
J3
18
17.10
18.90
7.0
21
600
0.1
14
MMBZ5250BT
J5
20
19.00
21.00
6.2
25
600
0.1
15
MMBZ5251BT
K1
22
20.90
23.10
5.6
29
600
0.1
17
MMBZ5252BT
K2
24
22.80
25.20
5.2
33
600
0.1
18
MMBZ5254BT
K4
27
25.65
28.35
5.0
41
600
0.1
21
MMBZ5255BT
K5
28
26.60
29.40
4.5
44
600
0.1
21
MMBZ5256BT
M1
30
28.50
31.50
4.2
49
600
0.1
23
MMBZ5257BT
M2
33
31.35
34.65
3.8
58
700
0.1
25
MMBZ5258BT
M3
36
34.20
37.80
3.4
70
700
0.1
27
MMBZ5259BT
M4
39
37.05
40.95
3.2
80
800
0.1
30
TABLE 1
Ordering Information (Note 3)
Device
Packaging
Shipping
(Type Number)-7*
SOT-523
3000/Tape & Reel
* Add “-7” to the appropriate type number in Table 1 above. Example: 6.2V Zener = MMBZ5234BT-7.
Notes:
2. Short duration test pulse used to minimize self-heating effect.
3. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
4. f = 1KHz.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com