Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBZ5259BT Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMBZ5259BT
Description  150mW SURFACE MOUNT ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBZ5259BT Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBZ5259BT Datasheet HTML 1Page - Diodes Incorporated MMBZ5259BT Datasheet HTML 2Page - Diodes Incorporated MMBZ5259BT Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30267 Rev. C-2
3 of 3
MMBZ5221BT - MMBZ5259BT
0
100
200
300
25
0
50
75
100
125
150
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs Ambient Temperature
A
°
1
10
100
1000
110
100
V , NOMINAL ZENER VOLTAGE (V)
Fig. 2 Typical Capacitance
Z
0V BIAS
1
10
100
1
10
100
PULSE WIDTH (ms)
Fig. 4 Maximum Non-repetitive Surge Power
1000
1
10
100
1000
1
10
100
V , NOMINAL ZENER VOLTAGE (V)
Fig. 3 Zener Voltage vs. Zener Impedence
Z
I = 1.0mA
Z



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com