Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTS2072G6 Datasheet(PDF) 13 Page - Cystech Electonics Corp.

Part # MTS2072G6
Description  MTS2072G6 CYStek Product Specification
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTS2072G6 Datasheet(HTML) 13 Page - Cystech Electonics Corp.

Back Button MTS2072G6 Datasheet HTML 5Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 6Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 7Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 8Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 9Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 10Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 11Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 12Page - Cystech Electonics Corp. MTS2072G6 Datasheet HTML 13Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C879G6
Issued Date : 2012.10.09
Revised Date :
Page No. : 13/13
MTS2072G6
CYStek Product Specification
TSOP-6 Dimension
●
Marking:
6-Lead TSOP-6 Plastic
Surface Mounted Package
CYStek Package Code: G6
Style:
Pin 1. Gate1
(G1)
Pin 2. Source1 (S1)
Pin 3. Drain2
(D2)
Pin 4. Source2 (S2)
Pin 5. Gate2
(G2)
Pin 6. Drain1
(D1)
2072
□□□□
Device Name
Date Code
●
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.700
0.900
0.028
0.035
E
1.600
1.700
0.063
0.067
A1
0.000
0.100
0.000
0.004
E1
2.650
2.950
0.104
0.116
A2
0.700
0.800
0.028
0.031
e
0.95 (BSC)
0.037 (BSC)
b
0.350
0.500
0.014
0.020
e1
1.90 (BSC)
0.075 (BSC)
c
0.080
0.200
0.003
0.008
L
0.300
0.600
0.012
0.024
D
2.820
3.020
0.111
0.119
θ
0
°
8
°
0
°
8
°
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com