Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NW6005AS Datasheet(PDF) 2 Page - Integrated Device Technology

Part # NW6005AS
Description  ENHANCED TYPE II CALLER ID DECODER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

NW6005AS Datasheet(HTML) 2 Page - Integrated Device Technology

  NW6005AS Datasheet HTML 1Page - Integrated Device Technology NW6005AS Datasheet HTML 2Page - Integrated Device Technology NW6005AS Datasheet HTML 3Page - Integrated Device Technology NW6005AS Datasheet HTML 4Page - Integrated Device Technology NW6005AS Datasheet HTML 5Page - Integrated Device Technology NW6005AS Datasheet HTML 6Page - Integrated Device Technology NW6005AS Datasheet HTML 7Page - Integrated Device Technology NW6005AS Datasheet HTML 8Page - Integrated Device Technology NW6005AS Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
INDUSTRIAL TEMPERATURE RANGE
NW6005 ENHANCED TYPE II CALLER ID DECODER
PIN INFORMATION
Figure 2. Pin Assignment
VREF
IN1+
IN1-
GS1
GND
OSCIN
OSCOUT
CB0
DCLK
DATA
IN2+
IN2-
GS2
CB2
CB1
VCC
CD
ST/GT
EST
DR/STD
20
19
18
17
16
15
14
13
12
11
1
2
3
4
5
6
7
8
9
10
Name
Type
Pin No.
Description
VREF
O
1
Reference Voltage.
This output is used to bias the input OP amp. It is typically VCC/2.
IN1+
I
2
Non-inverting Input of the gain adjustable Tip/Ring OP amp.
IN1-
I
3
Inverting Input of the gain adjustable Tip/Ring OP amp.
GS1
O
4
Gain Select Output of the gain adjustable Tip/Ring OP amp.
The Tip/Ring signal can be attenuated or amplified at GS1 by adjusting the feedback resistor between GS1 and
IN1-. The FSK signal is always detected by Tip/Ring OP amp while DT-AS signal can be detected by either
Tip/Ring or Hybrid OP amp. The OP amp selection is controlled by CB1 and CB2 pins.
GND
-
5
Ground.
OSCIN
I
6
Oscillator Input.
A 3.579545 MHz crystal or ceramic resonator should be connected between this pin and the OSCOUT. It can also
be driven by an external clock source.
OSCOUT
O
7
Oscillator Output.
A 3.579545 MHz crystal or ceramic resonator should be connected between this pin and the OSCIN. When an
external clock drives OSCIN, this pin can be left floating.
CB0
I
8
Control Bit 0 (FSK Data Interface Mode Select).
This pin can select the 3-wire FSK data interface mode. A ‘0’ on this pin indicates interface mode 0; while a ‘1’ on
this pin indicates interface mode 1. (The FSK data interface is consisted of DATA, DCLK and DR/STD pins.)
When CB0 is high and CB1, CB2 are both low, the device is set into the power down state.
DCLK
I/NC
9
Data Clock of the Serial FSK Interface.
In mode 0 (CB0 is low), this pin is unused; In mode 1 (CB0 is high), this pin is an input which clock the FSK data
byte out to the DATA pin.
DATA
O
10
Data Output of the Serial FSK Interface.
In mode 0 (CB0 is low), the FSK serial bit stream is output to the DATA pin directly.
In mode 1 (CB0 is high), the start bit is stripped off, the data byte and the stop bit is stored in a 9-bit buffer. At the
end of each word signaled by the DR/STD pin, the microcontroller should shift the byte out onto the DATA pin by
applying 8 read pulses to the DCLK pin. A 9th DCLK pulse will shift out the stop bit for framing error checking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com