Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NW6005AS Datasheet(PDF) 13 Page - Integrated Device Technology

Part # NW6005AS
Description  ENHANCED TYPE II CALLER ID DECODER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

NW6005AS Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button NW6005AS Datasheet HTML 9Page - Integrated Device Technology NW6005AS Datasheet HTML 10Page - Integrated Device Technology NW6005AS Datasheet HTML 11Page - Integrated Device Technology NW6005AS Datasheet HTML 12Page - Integrated Device Technology NW6005AS Datasheet HTML 13Page - Integrated Device Technology NW6005AS Datasheet HTML 14Page - Integrated Device Technology NW6005AS Datasheet HTML 15Page - Integrated Device Technology NW6005AS Datasheet HTML 16Page - Integrated Device Technology NW6005AS Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
INDUSTRIAL TEMPERATURE RANGE
NW6005 ENHANCED TYPE II CALLER ID DECODER
Alerting
Signal
Ch. Seizure
Mark
Message
Ring
..101010..
Data
...
...
A
B
C
D
E
F
G
Line Reversal
A/B Wires
PWDN
STD
TE DC load
TE AC load
FSKEN
CD
DR
DCLK
DATA
15 ±1 ms
20 ±5 ms
<120
µ A
50 - 150 ms
< 0.5 mA (optional)
Current Wetting Pulse
Zss
Tip/Ring
DT-ASEN
Note 1
Note 2
Note 3
Note 4
Notes:
1) A
≥ 100ms, B=88 - 110 ms, C≥ 45 ms (up to 5 sec), D= 80 -262 ms, E= 45 - 75 ms, F≤ 2.5 sec (typ. 500 ms), G≥ 200 ms.
2) By choosing t
GA=15 ms, tABS will be 15-25 ms (refer to Fig. 8). Current wetting pulse and AC/DC load should be applied right after the
STD rising edge.
3) AC and DC loads should be removed between 50-150 ms after the end of the FSK signal. The NW6005 may go to power down mode
to save power.
4) FSKEN should be set low to disable the FSK demodulator, when the FSK signal is not expected.
5) Tip/Ring DT-ASEN, PWDN and FSKEN are internal signals decoded from Control Bits CB2-0.
6) When CB0 is low, both DR and DCLK pins are unused.
Figure 13. BT Idle State (on-hook) Data Transmission Timing Diagram
Note 5
Note 5
Note 5
Note 6
Note 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com