Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC30R22KT Datasheet(PDF) 1 Page - Tyco Electronics

Part # SC30R22KT
Description  Axial Leaded Power Inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SC30R22KT Datasheet(HTML) 1 Page - Tyco Electronics

  SC30R22KT Datasheet HTML 1Page - Tyco Electronics SC30R22KT Datasheet HTML 2Page - Tyco Electronics SC30R22KT Datasheet HTML 3Page - Tyco Electronics SC30R22KT Datasheet HTML 4Page - Tyco Electronics SC30R22KT Datasheet HTML 5Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Size
L Max.
D Max.
l Min.
d
SC10
10.0mm
4.2mm
25mm
0.6mm
SC15
10.0mm
4.5mm
30mm
0.6mm
SC30
7.0mm
2.8mm
25mm
0.5mm
SC55
11.4mm
5.2mm
30mm
0.6mm
Axial Leaded Power Inductors
Type SC10, SC15, SC30, SC55 Series
Literature No. 1773282
Issued: 10-06
Dimensions are shown for
reference purposes only.
Dimensions are in millimetres
unless otherwise specified.
Specifications subject to
change.
www.tycoelectronics.com
passives.tycoelectronics.com
Key Features
I Wide Inductance Range
I Insulated Packaging
I Four Sizes
I Flame Retardant
I Wide Temperature Range
I Established Reliability
I Fully Protected from the
Environment
I Available from Distribution
Tyco quality and reliability are guaran-
teed in this range of insulated and
shielded RF Inductors. The insulated
range
has
a
self-extinguishing
polyolefin sleeve. Their small size make
them ideal for use when space is at a
premium. And they are also fully
protected from environmental factors.
Electrostatic
and
electromagnetic
screening is provided by the magnetic
enclosure. A wide range of values are
available and the self extinguishing
polyolefin sleeve enhances environ-
mental protection. The SC series was
originally
designed
for
military
applications but now has widespread
industrial use.
Packaging and Marking
Type
Ammo Pack
Reeled
Weight per Component
Marking
SC10
500 Pieces
1500 Pieces
–
LC10
SC15
500 Pieces
1500 Pieces
–
LC15
SC30
500 Pieces
2500 Pieces
–
LC30
SC55
500 Pieces
1500 Pieces
0.6g
LC55
Type SC10, SC15, SC30,
SC55 Series
Characteristics -
Electrical
SC10
SC15
SC30
SC55
Inductance Range:
See Table - E12 Grid
(Non-standard values available to special order)
Selection Tolerance:
±10%
±10%
±10%
±10%
Power Rating at 70°C:
0.33W
See Below
0.25W
0.30W
Isolation Voltage:
700V DC or AC peak
Limits of Inductance Change:
5% after 1000 hours endurance
Operating Temperature Range:
-55°C to +100°C
-55°C to +100°C
-55°C to +100°C
-55°C to +125°C
Recommended Storage Temperature:
0°C to +35°C
Climatic Category:
55/100/21
55/100/21
55/100/21
55/125/21
SC15 Power Rating
Values between 0.15uH and 4.7uH - Power Rating 0.33 Watt
Values between 5.6uH and 330uH - Power Rating 0.20 Watt
Dimensions
Characteristics - Electrical
Type SC10 - Section 1
Inductance
Inductance
Test Freq.
Q Factor
S.R.F.
Max. DC
Direct Current
Value - µH
Code
MHz
Min.
MHz Min.
Resistance
at 70°C
Ohms at 20°C
Max. mA
0.10
0.12
0.15
0.18
0.22
0.27
0.33
0.39
0.47
0.56
0.68
0.82
1.0
1.2
1.5
1.8
2.2
2.7
3.3
R10
R12
R15
R18
R22
R27
R33
R39
R47
R56
R68
R82
1R0
1R2
1R5
1R8
2R2
2R7
3R3
25
25
25
25
25
25
25
25
25
25
25
25
25
7.9
7.9
7.9
7.9
7.9
7.9
50
50
50
50
50
50
50
50
50
50
45
45
45
32
32
32
32
32
32
500
475
450
425
400
380
360
330
300
280
260
235
210
190
170
156
140
125
115
0.055
0.060
0.065
0.070
0.075
0.085
0.095
0.11
0.12
0.14
0.16
0.26
0.30
0.50
0.60
0.75
1.10
1.40
1.90
2060
1970
1900
1830
1770
1660
1570
1460
1390
1290
1210
950
880
685
625
560
460
410
350


Similar Part No. - SC30R22KT

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SC30 AMPHENOL-SC30 Datasheet
56Kb / 4P
Thermometrics
SC30 AMPHENOL-SC30 Datasheet
1Mb / 16P
Thermometrics temperature sensor solutions
logo
Frontier Electronics.
SC30-005 FRONTIER-SC30-005 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
SC30-01 FRONTIER-SC30-01 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
SC30-02 FRONTIER-SC30-02 Datasheet
113Kb / 1P
3A SILICON RECTIFIER CELL
More results

Similar Description - SC30R22KT

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
62403-1 MACOM-62403-1 Datasheet
110Kb / 5P
Axial Leaded Power Inductors
logo
Taiyo Yuden (U.S.A.), I...
LAL03TB470K TAIYO-YUDEN-LAL03TB470K Datasheet
615Kb / 23P
AXIAL LEADED INDUCTORS
logo
Tyco Electronics
SC308R2KT MACOM-SC308R2KT Datasheet
99Kb / 5P
Axial Leaded Power Inductors
logo
List of Unclassifed Man...
LAL04 ETC2-LAL04 Datasheet
615Kb / 23P
AXIAL LEADED INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
LAL02TB3R3K TAIYO-YUDEN-LAL02TB3R3K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TB6R8K TAIYO-YUDEN-LAL02TB6R8K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TB390K TAIYO-YUDEN-LAL02TB390K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TB820K TAIYO-YUDEN-LAL02TB820K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02TBR33K TAIYO-YUDEN-LAL02TBR33K Datasheet
138Kb / 1P
Axial Leaded Inductors
LAL02VD2R7K TAIYO-YUDEN-LAL02VD2R7K Datasheet
138Kb / 1P
Axial Leaded Inductors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com