Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART700 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMART700
Description  SmartPro Tower UPS System - Intelligent
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART700 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMART700 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Recommended Electrical Service
15A 120V
Input cord length (ft.)
6
Input cord length (m)
1.8
BATTERY
Full load runtime (minutes)
6 min. (450w)
Half load runtime (minutes)
20 min. (225w)
DC system voltage (VDC)
12
Battery recharge rate (included
batteries)
Less than 6 hours from 10% to 90%
Replacement battery cartridge
(internal UPS battery replacement)
RBC52 (x2)
Battery Access
Battery access door
Battery replacement description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage regulation description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 75V to 147V
Overvoltage correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage correction
Input voltages between 93 and 107 are boosted by 14%
Severe undervoltage correction
Input voltages between 75 and 92 are boosted by 30%
LEDS ALARMS & SWITCHES
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
Alarms
Audible alarm indicates power-failure and low-battery conditions
Alarm cancel operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
450
UPS AC suppression response time
Instantaneous
EMI / RFI AC noise suppression
Yes
AC suppression joule rating
1800
AC suppression response time
Instantaneous
PHYSICAL
Installation form factors supported
with included accessories
Tower
3 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com