Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMART700 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SMART700
Description  SmartPro Tower UPS System - Intelligent
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART700 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SMART700 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART700 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Installation form factors supported
with optional accessories
Wallmount (UPSWM - tower mounting kit)
Primary form factor
Tower
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
11.8 x 7.2 x 7.5
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
29.8 x 18.4 x 19
UPS / Power Module weight (lbs)
22
UPS / Power Module weight (kg)
10
UPS Shipping dimensions (height x
width x depth / inches)
15.5 x 11 x 11.2
UPS Shipping dimensions (height x
width x depth / cm)
39.4 x 27.9 x 28.6
Shipping weight (lbs)
24
Shipping weight (kg)
10.9
UPS housing material
PVC
ENVIRONMENTAL
Operating Temperature Range
+32 to +104 degrees Fahrenheit / 0 to +40 degrees Celsius
Storage Temperature Range
+5 to +122 degrees Fahrenheit / -15 to +50 degrees Celsius
Relative Humidity
0 to 95%, non-condensing
AC mode BTU / hr. (full load)
133
Battery mode BTU / hr. (full load)
565.9
AC mode efficiency rating (100%
load)
92%
COMMUNICATIONS
Communications interface
USB
Network monitoring port description
Supports detailed monitoring of UPS and site power conditions
PowerAlert software
Included
Communications cable
USB cable included
WatchDog compatibility
Supports Watchdog application, OS and hard-reboot restart options for remote applications
LINE / BATTERY TRANSFER
Transfer time
2-4 milliseconds
Low voltage transfer to battery
power (setpoint)
75
High voltage transfer to battery
power (setpoint)
147
4 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com