Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1600FSM18 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # GP1600FSM18
Description  Hi-Reliability Single Switch IGBT Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP1600FSM18 Datasheet(HTML) 6 Page - Dynex Semiconductor

  GP1600FSM18 Datasheet HTML 1Page - Dynex Semiconductor GP1600FSM18 Datasheet HTML 2Page - Dynex Semiconductor GP1600FSM18 Datasheet HTML 3Page - Dynex Semiconductor GP1600FSM18 Datasheet HTML 4Page - Dynex Semiconductor GP1600FSM18 Datasheet HTML 5Page - Dynex Semiconductor GP1600FSM18 Datasheet HTML 6Page - Dynex Semiconductor GP1600FSM18 Datasheet HTML 7Page - Dynex Semiconductor GP1600FSM18 Datasheet HTML 8Page - Dynex Semiconductor GP1600FSM18 Datasheet HTML 9Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
GP1600FSM18
6/9
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
Fig. 7 Diode typical forward characteristics
Fig. 8 Reverse bias safe operating area
Fig. 9 Forward bias safe operating area
Fig. 10 Transient thermal impedance
0
400
800
1200
1600
2000
2400
2800
3200
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Foward voltage, VF - (V)
Tj = 125˚C
Tj = 25˚C
1
10
100
1000
10000
1
10
100
1000
10000
Collector-emitter voltage, Vce - (V)
IC max. (single pulse)
I
C max.
DC
(continuous)
tp = 1ms
100
µs
50
µs
0
500
1000
1500
2000
2500
3000
3500
0
200
400
600
800 1000 1200 1400 1600 1800 2000
Collector-emitter voltage, Vce - (V)
Conditions:
Tcase = 125˚C,
Vge = 15V,
Rg(off) = 2.2Ω
0.1
1
10
100
0.001
0.01
0.1
1
10
Pulse width, tp - (s)
Transistor
Diode



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com