Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP500LSS06S Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # GP500LSS06S
Description  Single Switch IGBT Module
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

GP500LSS06S Datasheet(HTML) 4 Page - Dynex Semiconductor

  GP500LSS06S Datasheet HTML 1Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 2Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 3Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 4Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 5Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 6Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 7Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 8Page - Dynex Semiconductor GP500LSS06S Datasheet HTML 9Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
GP500LSS06S
4/10
Caution: This device is sensitive to electrostatic discharge. Users should follow ESD handling procedures.
www.dynexsemi.com
INDUCTIVE SWITCHING CHARACTERISTICS
T
j = 25˚C unless stated otherwise
Symbol
t
d(off)
Turn-off delay time
Fall time
E
OFF
Turn-off energy loss
Conditions
µs
ns
mJ
-
-
-
45
220
-
-
-
Parameter
Min.
Typ.
Max.
Units
1150
t
f
t
d(on)
Turn-on delay time
ns
-
-
490
Rise time
E
ON
Turn-on energy loss
ns
mJ
-
-
30
225
-
-
t
r
I
C = 500A
V
GE = ±15V
V
CE = 50% VCES
R
G(ON) = RG(OFF) = 5Ω
L ~ 100nH
T
j =
125˚C unless stated otherwise.
t
rr
Diode reverse recovery time
ns
-
225
-
Q
rr
Diode reverse recovery charge
µC
-
20
-
I
F = 500A
V
R = 50%VCES, dIF/dt = 1500A/µs
t
d(off)
Turn-off delay time
Fall time
E
OFF
Turn-off energy loss
µs
ns
mJ
-
-
-
65
400
-
-
-
1400
t
f
t
d(on)
Turn-on delay time
ns
-
-
550
Rise time
E
ON
Turn-on energy loss
ns
mJ
-
-
50
320
-
-
t
r
I
C = 500A
V
GE = ±15V
V
CE = 50% VCES
R
G(ON) = RG(OFF) = 5Ω
L ~ 100nH
t
rr
Diode reverse recovery time
ns
-
310
-
Q
rr
Diode reverse recovery charge
µC
-
28
-
I
F = 500A
V
R = 50%VCES, dIF/dt = 1500A/µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com