| Electronic Components Datasheet Search |
|
MA17501 Datasheet(PDF) 7 Page - Dynex Semiconductor |
|
|
|||||||||||||||||||||||||||||
MA17501 Datasheet(HTML) 7 Page - Dynex Semiconductor |
|
7 / 35 page ![]() MA17501 7/35 3.2.6 Phase 2 Clock (CLK02N) Output. CLK02N is used by the MA17502 Control Unit (CU) in conjunction with CLKPCN to synchronize microinstruction transmission on the M Bus to the MAS281 machine cycle. CLK02N cycles associated with MAS281 external memory or l/O bus transactions are a minimum of five OSC cycles in duration and are extended when wait states are inserted via the RDYN input. The high-to-low transition of CLK02N places the upper 20 bits of a microinstruction on the external M Bus. Wait states extend the trailing (based on SYNCN high-to- low beginning the machine cycle) low state of CLK02N. When PAUSEN or HLDAKN is low, CLK02N is held high. CLK02N cycles associated with internal MAS281 operations are either five or six OSC cycles in duration. Six OSC cycles are required for machine cycles associated with microcode branches or with the execution of internally (Interrupt Unit) decoded XlO commands. Five OSC cycles are used for all other internal operations, e.g., register to register transfers, ALU functions, etc. [NOTE: For MAS281s operating at high OSC frequencies, the Interrupt Unit logic that creates IRDYN may cause a wait state to be inserted during execution of internal XlO commands. This would result in a CLK02N cycle of seven OSC cycles duration.] 3.3 BUS CONTROL This group of signals is provided to control Address/ Data (AD) bus transmissions (See Figure 4). The signals indicate when address or data information is on the AD Bus and what type of transaction is taking place during a particular machine cycle. 3.3.1 Address Strobe (AS) Output/Hi-z. AS high indicates that the Address/Data (AD) Bus contains address information. The address information is assured stable at the high-to-low transition of this signal. ln this way, AS provides the necessary control for a system Address Bus transparent latch system interface. The Interrupt Unit uses AS to extract the XlO command information off the AD Bus for internally decoded XlO commands, and the Memory Management Unit/Block Protection Unit (MMU(BPU)) uses AS to extract address information for memory management and block protection functions, and to extract XlO command information for MMU(BPU) decoded XlO commands. AS is placed in the high-impedance state during DMA cycles by PAUSEN low and during the Hold state by HLDAKN low. During internal non-AD Bus related CPU operations, AS is held low for the entire machine cycle via microcode control. Figure 4: Typical MAS281/MA17504 System Interface |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |