Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS281 Datasheet(PDF) 16 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 16 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 12Page - Dynex Semiconductor MAS281 Datasheet HTML 13Page - Dynex Semiconductor MAS281 Datasheet HTML 14Page - Dynex Semiconductor MAS281 Datasheet HTML 15Page - Dynex Semiconductor MAS281 Datasheet HTML 16Page - Dynex Semiconductor MAS281 Datasheet HTML 17Page - Dynex Semiconductor MAS281 Datasheet HTML 18Page - Dynex Semiconductor MAS281 Datasheet HTML 19Page - Dynex Semiconductor MAS281 Datasheet HTML 20Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
MAS281
16/55
Figure 7: Pending Interrupt Register Bit Assignments
Figure 8: Fault Register Bit Assignments
3.6.2 USING BPT
The Hold state may also be entered by executing a BPT
instruction with Console present indicated in the Configuration
Word. On encountering a BPT instruction, the processor reads
the Configuration Word to check for the presence of a
Console. If a Console is indicated, the microsequencer
branches to the microcode BPT Hold service routine. This
routine decrements IC once, drops HLDAKN low, and enters
the Hold state.
To release the MAS281 from a BPT initiated Hold state, the
HOLDN input must be pulsed low in accordance with the
timing diagrams in Section 6.0. When HOLDN returns high, the
Hold state will be released on the following SYNCN high-to-low
transition. The instruction pipeline is then refilled and
instruction execution resumes with the first instruction loaded
into the pipeline.
3.6.3 SINGLE-STEPPING
Software can be single-stepped through the proper use of
the HOLDN input and the BPT instruction. Use the BPT
instruction to mark the beginning of the section of code which
will be stepped through. Pulse HOLDN low to release the BPT
initiated Hold state and then pull HOLDN low again during the
two subsequent SYNCN cycles that refill the instruction
pipeline. When the first instruction following Hold release
completes execution, the module will once again enter the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com