Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAS281 Datasheet(PDF) 6 Page - Dynex Semiconductor

Part # MAS281
Description  MIL-STD-1750A Microprocessor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

MAS281 Datasheet(HTML) 6 Page - Dynex Semiconductor

Back Button MAS281 Datasheet HTML 2Page - Dynex Semiconductor MAS281 Datasheet HTML 3Page - Dynex Semiconductor MAS281 Datasheet HTML 4Page - Dynex Semiconductor MAS281 Datasheet HTML 5Page - Dynex Semiconductor MAS281 Datasheet HTML 6Page - Dynex Semiconductor MAS281 Datasheet HTML 7Page - Dynex Semiconductor MAS281 Datasheet HTML 8Page - Dynex Semiconductor MAS281 Datasheet HTML 9Page - Dynex Semiconductor MAS281 Datasheet HTML 10Page - Dynex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 55 page
background image
MAS281
6/55
2.2 PIN FUNCTIONS
A description of each pin function follows. The function
name is presented first, followed by its acronym and
description. Function type is either input, output, high
impedance (Hi-Z), or a combination thereof. Full timing
characteristics of each of the functions are shown in section
6.0.
2.2.1 POWER AND GROUND (VDD & GND)
The MAS281 utilizes a single VDD power supply. A
singlepoint ground is provided for the three chips on the
substrate and is brought out on two module pins.
2.2.2 OSCILLATOR (OSC)
This input clocks the EU state sequencer which, in turn,
generates timing and control signals for the rest of the module.
To minimize skew between OSC edges and signals derived
from OSC, and thereby optimize system performance, the
OSC rise and fall times should be minimised. It is
recommended that a clock driver with a high drive capability,
such as a 54AS244, 54ALS244 or 54HST244, be used.
2.2.3 SYNCHRONIZATION CLOCK (SYNC)
This active low output transitions from high to low to signal
the start of a new machine cycle. It should be used as a timing
reference for those operations which must be synchronized to
the basic machine cycle.
SYNCN cycles associated with external memory or l/O bus
transactions are a minimum of five OSC periods in duration
and may be extended by inserting wait states via the external
ready interface, For such cycles, a SYNCN low indicates that
either an address or XlO command is on the AD bus; a high
indicates data is on the bus. Wait states extend the high state
of SYNCN.
SYNCN cycles associated with internal CPU operations,
are either five or six OSC periods in duration. Six OSC periods
are required for machine cycles associated with microcode
branches or with the execution of internally decoded XlO
commands. Five OSC periods are required for all other internal
operations.
[Note: For modules operating at high OSC frequencies, the
internal ready logic provided on the IU may cause a wait state
to be inserted during execution of internal XlO commands.
This would result in a SYNCN cycle of seven OSC periods
duration. Though unlikely, this condition must be taken into
account in implementing an external ready interface. Refer to
the description of the Ready (RDYN) signal below for further
details.]
SYNCN continues to cycle during DMA and HOLD states.
Such cycles are five OSC periods in duration.
2.2.4 ADDRESS STROBE (AS)
Output/Hi-Z. This active high signal indicates that an
address has been placed on the AD bus. This address is
guaranteed valid at the high to low transition of AS. AS should
be used to strobe an address latch during AD bus
demultiplexing. This latch should be a transparent type for
optimum performance. AS is placed in the high impedance
state during DMA and Hold cycles and is held low during
internal (non-XIO) operations.
2.2.5 DATA STROBE (DS)
Output/Hi-Z. This active low signal indicates that the AD
bus is being used for data transfers. During read operations,
DSN should be used by the selected external device to enable
data onto the AD bus. This data is guaranteed valid on the low
to high transition of DSN. The selected external device should
use the low to high edge of DSN to perform the write. DSN is
placed in the high impedance state during DMA and Hold
cycles and is held high during internal (nonXlO) operations.
2.2.6 READ/WRITE (RD/W)
Output/Hi-Z, This dual function signal indicates the
direction of data flow on the AD bus. A high level indicates a
read operation with data being input to the module. A low level
indicates a write operation with data being output by the
module. RD/WN may be combined with DSN to generate
separate read and write strobes. This signal goes valid shortly
Figure 4: Pin Assignments
AD11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com