Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRF3W-R10JW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LRF3W-R10JW
Description  Low Value 3W Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRF3W-R10JW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LRF3W-R10JW Datasheet HTML 1Page - List of Unclassifed Manufacturers LRF3W-R10JW Datasheet HTML 2Page - List of Unclassifed Manufacturers LRF3W-R10JW Datasheet HTML 3Page - List of Unclassifed Manufacturers LRF3W-R10JW Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Low Value 3W
Chip Resistors
LRF3W Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
2.14
· 3W in 1225 package
· Resistance range from 0.003 to 0.1Ω
· Tolerances to ±1%
· AEC-Q200 Qualified
· Low thermal impedance
· Wide terminations enhance robustness
· RoHS compliant and SnPb variants
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70°C
3 Watts
Resistance Range
R003to 1R0
V
0
0
2
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Ambient temp range
-55 to +150°C
Resistance tolerance
<R004 5%,
≥R004 1, 2, 5%
C
°
/
m
p
p
0
0
1
±
R
C
T
Pad & trace area for maximum
power rating*
300mm2
Low Value 3W
Chip Resistors
LRF3W Series
• 3 Watts @ 70°C
• Resistance range from 0.003 to 1Ω
•
•
Tolerances to ±1%
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
04.10
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51
± 0.13mm
6.35
± 0.13mm
3.18
± 0.13mm
0.94 mm max
thickness
Plating
wrap-around
0.81
± 0.13mm
2.29
± 0.13mm
7.6mm
2mm
1mm
Physical Data
100
80
60
40
20
0
25
°
70
°
150
°
Temperature in
°C
Top
Bottom
(Board Side)
Recommended
Solder Pad Layout
Weight 0.065g typ.
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70°C
3 Watts
Resistance Range
R003to 1R0
V
0
0
2
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Ambient temp range
-55 to +150°C
Resistance tolerance
<R004 5%,
≥R004 1, 2, 5%
C
°
/
m
p
p
0
0
1
±
R
C
T
Pad & trace area for maximum
power rating*
300mm2
Low Value 3W
Chip Resistors
LRF3W Series
• 3 Watts @ 70°C
• Resistance range from 0.003 to 1Ω
•
•
Tolerances to ±1%
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
04.10
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51
± 0.13mm
6.35
± 0.13mm
3.18
± 0.13mm
0.94 mm max
thickness
Plating
wrap-around
0.81
± 0.13mm
2.29
± 0.13mm
7.6mm
2mm
1mm
Physical Data
100
80
60
40
20
0
25
°
70
°
150
°
Temperature in
°C
Top
Bottom
(Board Side)
Recommended
Solder Pad Layout
Weight 0.065g typ.
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70°C
3 Watts
Resistance Range
R003to 1R0
V
0
0
2
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Ambient temp range
-55 to +150°C
Resistance tolerance
<R004 5%,
≥R004 1, 2, 5%
C
°
/
m
p
p
0
0
1
±
R
C
T
Pad & trace area for maximum
power rating*
300mm2
Low Value 3W
Chip Resistors
LRF3W Series
• 3 Watts @ 70°C
• Resistance range from 0.003 to 1Ω
•
•
Tolerances to ±1%
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
04.10
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51
± 0.13mm
6.35
± 0.13mm
3.18
± 0.13mm
0.94 mm max
thickness
Plating
wrap-around
0.81
± 0.13mm
2.29
± 0.13mm
7.6mm
2mm
1mm
Physical Data
100
80
60
40
20
0
25
°
70
°
150
°
Temperature in
°C
Top
Bottom
(Board Side)
Recommended
Solder Pad Layout
Weight 0.065g typ.
LRF3W
Power rating @70°C
watts
3
Resistance range1
ohms
R003 to R10
Resistance tolerance
%
<R004: 5, ≥R004: 1, 2, 5
TCR
ppm/°C
<R004: ±550, ≥R004: ±100
Dielectric withstand
volts
200
Ambient temperature range
°C
-55 to +150
Values
E24 preferred2
Pad / trace area3
mm2
500
Recommended Solder Pad Dimensions
with example Kelvin PCB traces
7.6 mm
1 mm
2 mm
Sense Tracks: V+
V-
Current Track: I
Current Track: I
Recommended Solder Pad Dimensions
with example Kelvin PCB traces
Top
Bottom
(Board Side)
Note 1: Contact factory for values outside this range. Note 2: Many values = N x R001 and N x R005 up to N=10 are also available.
Note 3: Recommended minimum pad & adjacent trace area for each termination for rated dissipation on FR4 PCB


Similar Part No. - LRF3W-R10JW

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
LRF3W-R02FPB TTELEC-LRF3W-R02FPB Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
LRF3W-R02FW TTELEC-LRF3W-R02FW Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
LRF3W-R02GPB TTELEC-LRF3W-R02GPB Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
LRF3W-R02GW TTELEC-LRF3W-R02GW Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
LRF3W-R02JPB TTELEC-LRF3W-R02JPB Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
More results

Similar Description - LRF3W-R10JW

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
LRF3W WELWYN-LRF3W Datasheet
306Kb / 3P
Low Value 3W Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WTF4M0U PANASONIC-ERJ-M1WTF4M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
logo
Bi technologies
LRF3W-R05JW BITECH-LRF3W-R05JW Datasheet
139Kb / 3P
Low Value 3W Chip Resistors
logo
Panasonic Semiconductor
ERJ-M1WSF10MU PANASONIC-ERJ-M1WSF10MU Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors(Current Sensing Resistors)
ERJ-M1WSF5M0U PANASONIC-ERJ-M1WSF5M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
ERJ-M1WTJ2M0U PANASONIC-ERJ-M1WTJ2M0U Datasheet
75Kb / 2P
Low Resistance Value Chip Resistors
logo
Bourns Electronic Solut...
CRL0603-FW-R090ELF BOURNS-CRL0603-FW-R090ELF Datasheet
215Kb / 3P
Low Value Chip Resistors
logo
TT Electronics.
LRC-LRF3WLF-01 TTELEC-LRC-LRF3WLF-01 Datasheet
523Kb / 3P
LOW Value 3W Chip Resistors
logo
Bourns Electronic Solut...
CRL BOURNS-CRL Datasheet
225Kb / 3P
Low Value Chip Resistors
logo
TT Electronics.
LRF3W TTELEC-LRF3W_17 Datasheet
538Kb / 3P
Low Value 3W Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com