Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRF3W-R10JW Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LRF3W-R10JW
Description  Low Value 3W Chip Resistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LRF3W-R10JW Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LRF3W-R10JW Datasheet HTML 1Page - List of Unclassifed Manufacturers LRF3W-R10JW Datasheet HTML 2Page - List of Unclassifed Manufacturers LRF3W-R10JW Datasheet HTML 3Page - List of Unclassifed Manufacturers LRF3W-R10JW Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Low Value 3W
Chip Resistors
LRF3W Series
www.bitechnologies.com www.irctt.com www.welwyn-tt.com
General Note
TT electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT electronics’ own data and is considered accurate at time of going to print.
© TT electronics plc
2.14
Low Value 3W
Chip Resistors
LRF3W Series
© Welwyn Components Limited Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
04.10
Welwyn Components
85
Performance Data
Construction
Patented non-noble copper based thick film material,
overglaze and organic protection are screen printed on a 96%
alumina substrate. The components are laser trimmed to
achieve the required resistance tolerance.
Terminations
The wrap-around terminations have an electroplated nickel
barrier and matte tin finish, this ensures excellent ‘leach’
resistance properties and solderability.
Chips can withstand immersion in solder at 250°C for
90 seconds and are suitable for reflow or wave soldering
mounting applications.
Marking
The body protection and marking are resistant to all normal
industrial cleaning solvents suitable for printed circuits.
Chips are packed and mounted with marking side up.
The LRF3W Chips are mounted with the actual resistor
element mounted face down on its termination pads.
Packaging
LRF3W Resistors are supplied taped and reeled as per IEC 286-3. The standard quantity per reel is 1800 parts.
Notes:
1. Full AEC-Q200 qualification applies to ohmic values
≥R02.
Tape dimensions in mm
W
P1
P0
P2
D0
D1
E
F
A0
B0
K0
T
T1
T2
±0.3
±0.1
±0.1
±0.05
±0.1
±0.2
±0.1
±0.05
±0.1
±0.1
±0.1
±0.05
nom
±0.15
LRF3W
12
8
4
2
1.5
1.5
1.75
5.5
3.61
6.96
1.17
0.28
0.06
1.45
2.5
± 0.5
13
± 0.5
33
± 1.0
Marking
(Both sides)
0.8
± 0.15
13
± 0.5mm
P1
A0
D1
D0
P0
P2
T2
T1
K0
T
AEC-Q200 Table 7
Method
Max.
(add R05)
Typ.
(@R20)
ref
Test
3
High Temp. Exposure
MIL-STD-202 Method 108
R%
0.5
0.2
4
Temperature Cycling
JESD22 Method JA-104
R%
0.25
0.1
6
Moisture Resistance
MIL-STD-202 Method 106
R%
0.5
0.2
7
Biased Humidity
MIL-STD-202 Method 103
R%
0.5
0.2
8
Operational Life (Cyclic Load)
MIL-STD-202 Method 108
R%
1
0.5
14
Vibration
MIL-STD-202 Method 204
R%
0.5
0.05
15
Resistance to Soldering Heat
MIL-STD-202 Method 210
R%
0.25
0.05
16
Thermal Shock
MIL-STD-202 Method 107
R%
0.25
0.1
18
Solderability
J-STD-002
>95% coverage
21
Board Flex
AEC-Q200-005
R%
0.5
0.2
22
Terminal Strength
AEC-Q200-006
R%
0.25
0.1
Short Term Overload
6.25 x Pr for 2s
R%
0.5
Low Temperature Storage
-65°C for 100 hours
R%
0.5
Shelf Life Test
Room temp for 12 months
R%
0.1
Leach Resistance
Solder dip at 250°C
90s minimum
e
u
l
a
V
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Power dissipation @70°C
3 Watts
Resistance Range
R003to 1R0
V
0
0
2
d
n
a
t
s
h
ti
w
c
ir
t
c
e
l
e
i
D
Ambient temp range
-55 to +150°C
Resistance tolerance
<R004 5%,
≥R004 1, 2, 5%
C
°
/
m
p
p
0
0
1
±
R
C
T
Pad & trace area for maximum
power rating*
300mm2
Low Value 3W
Chip Resistors
LRF3W Series
• 3 Watts @ 70°C
• Resistance range from 0.003 to 1Ω
•
•
Tolerances to ±1%
AEC-Q200 Qualified
General Note
Welwyn Components reserves the right to make changes in product specification without notice or liability.
All information is subject to Welwyn’s own data and is considered accurate at time of going to print.
© Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK
Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com
Electrical Data
Power Derating Curve
04.10
A subsidiary of
TT electronics plc
Welwyn Components
84
0.51
± 0.13mm
6.35
± 0.13mm
3.18
± 0.13mm
0.94 mm max
thickness
Plating
wrap-around
0.81
± 0.13mm
2.29
± 0.13mm
7.6mm
2mm
1mm
Physical Data
100
80
60
40
20
0
25
°
70
°
150
°
Temperature in
°C
Top
Bottom
(Board Side)
Recommended
Solder Pad Layout
Weight 0.065g typ.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com