Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF944 Datasheet(PDF) 1 Page - Dynex Semiconductor

Part # TF944
Description  Fast Switching Thyristor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TF944 Datasheet(HTML) 1 Page - Dynex Semiconductor

  TF944 Datasheet HTML 1Page - Dynex Semiconductor TF944 Datasheet HTML 2Page - Dynex Semiconductor TF944 Datasheet HTML 3Page - Dynex Semiconductor TF944 Datasheet HTML 4Page - Dynex Semiconductor TF944 Datasheet HTML 5Page - Dynex Semiconductor TF944 Datasheet HTML 6Page - Dynex Semiconductor TF944 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TF944..H
1/7
APPLICATIONS
s High Power Inverters And Choppers
s UPS
s Railway Traction
s Induction Heating
s AC Motor Drives
s Cycloconverters
FEATURES
s Double Side Cooling
s High Surge Capability
s High Voltage
VOLTAGE RATINGS
KEY PARAMETERS
V
DRM
3500V
I
T(RMS)
1350A
I
TSM
13000A
dV/dt
500V/
µs
dI/dt
500A/
µs
t
q
120
µs
Conditions
V
RSM = VRRM + 100V
I
DRM = IRRM = 100mA
at V
RRM or VDRM & Tvj
Repetitive
Peak
Voltages
V
DRM VRRM
Type Number
3500
3400
3200
3000
Lower voaltage grades available.
TF944 35H
TF944 34H
TF944 32H
TF944 30H
Outline type code: MU169
See Package Details for further information.
CURRENT RATINGS
Parameter
Conditions
Max.
Units
Mean on-state current
RMS value
Half sinewave, 50Hz, T
case = 80
oC
Half sinewave, 50Hz, T
case = 80
oC
850
1350
A
A
Symbol
I
T(AV)
I
T(RMS)
TF944..H
Fast Switching Thyristor
Replaces March 1998 version, DS4281-3.2
DS4281-4.0 January 2000


Similar Part No. - TF944

ManufacturerPart #DatasheetDescription
logo
Thurlby Thandar Instrum...
TF900 AIM-TTI-TF900 Datasheet
4Mb / 14P
±200V & ±20V models Source Measure Units
logo
Shenzhen Tuofeng Semico...
TF90N03 TUOFENG-TF90N03 Datasheet
5Mb / 6P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
Feb 2022 V1.0
logo
Dynex Semiconductor
TF913 DYNEX-TF913 Datasheet
242Kb / 13P
Fast Switching Thyristor
TF91316C DYNEX-TF91316C Datasheet
242Kb / 13P
Fast Switching Thyristor
TF91318C DYNEX-TF91318C Datasheet
242Kb / 13P
Fast Switching Thyristor
More results

Similar Description - TF944

ManufacturerPart #DatasheetDescription
logo
Dynex Semiconductor
TF219 DYNEX-TF219 Datasheet
252Kb / 13P
Fast Switching Thyristor
TF440 DYNEX-TF440 Datasheet
249Kb / 13P
Fast Switching Thyristor
TF708 DYNEX-TF708 Datasheet
250Kb / 13P
Fast Switching Thyristor
TF915 DYNEX-TF915 Datasheet
236Kb / 13P
Fast Switching Thyristor
logo
List of Unclassifed Man...
ATF1040 ETC2-ATF1040 Datasheet
41Kb / 3P
FAST SWITCHING THYRISTOR
logo
Power Semiconductors
ATF1040 POSEICO-ATF1040 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
ATF401 POSEICO-ATF401 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
ATF413 POSEICO-ATF413 Datasheet
68Kb / 2P
FAST SWITCHING THYRISTOR
ATF416 POSEICO-ATF416 Datasheet
81Kb / 3P
FAST SWITCHING THYRISTOR
ATF515 POSEICO-ATF515 Datasheet
122Kb / 6P
FAST SWITCHING THYRISTOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com