Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TF944 Datasheet(PDF) 4 Page - Dynex Semiconductor

Part # TF944
Description  Fast Switching Thyristor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor

TF944 Datasheet(HTML) 4 Page - Dynex Semiconductor

  TF944 Datasheet HTML 1Page - Dynex Semiconductor TF944 Datasheet HTML 2Page - Dynex Semiconductor TF944 Datasheet HTML 3Page - Dynex Semiconductor TF944 Datasheet HTML 4Page - Dynex Semiconductor TF944 Datasheet HTML 5Page - Dynex Semiconductor TF944 Datasheet HTML 6Page - Dynex Semiconductor TF944 Datasheet HTML 7Page - Dynex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
TF944..H
4/7
CURVES
5000
4000
3000
2000
1000
0
0
1.0
2.0
3.0
4.0
Instantaneous on-state voltage, VT - (V)
Measured under pulse conditions
Tj = 125˚C
Fig.1 Maximum (limit) on-state characteristics
1000
100
10
1
10
100
1000
Rate of rise of on-state current, dI/dt - (A/µs)
IT = 3000A
IT = 800A
IT = 400A
IT = 100A
Conditions:
Tj = 125˚C
tp = 700µs
VR = 100V
Fig.2 Reverse current vs rate of rise of on-state current



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com