Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5454 Datasheet(PDF) 3 Page - NEC

Part # 2SC5454
Description  NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5454 Datasheet(HTML) 3 Page - NEC

  2SC5454 Datasheet HTML 1Page - NEC 2SC5454 Datasheet HTML 2Page - NEC 2SC5454 Datasheet HTML 3Page - NEC 2SC5454 Datasheet HTML 4Page - NEC 2SC5454 Datasheet HTML 5Page - NEC 2SC5454 Datasheet HTML 6Page - NEC 2SC5454 Datasheet HTML 7Page - NEC 2SC5454 Datasheet HTML 8Page - NEC 2SC5454 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2SC5454
3
Preliminary Data Sheet
GAIN BANDWIDTH PRODUCT
vs. COLLECTOR CURRENT
1
14
12
16
14
1
12
10
8
6
4
2
10
100
10
8
6
4
10
20
100
IC - Collector Current - mA
IC - Collector Current - mA
VCE = 3 V
f = 2 GHZ
VCE = 3 V
f = 2 GHZ
INSERTION POWER GAIN
vs. COLLECTOR CURRENT
0
1
14
12
1
10
8
6
4
2
0
10
100
0.2
0.4
0.6
0.8
10
100
IC - Collector Current - mA
VCB - Collector to Base Voltage - V
VCE = 3 V
f = 2 GHZ
f = 1 MHZ
GAIN WITH MINIMUM NF/NOISE FIGURE
vs. COLLECTOR CURRENT
REVERSE TRANSFER CAPACITANCE
vs. COLLECTOR TO BASE VOLTAGE
Ga
NF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com