Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5454 Datasheet(PDF) 1 Page - NEC

Part # 2SC5454
Description  NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5454 Datasheet(HTML) 1 Page - NEC

  2SC5454 Datasheet HTML 1Page - NEC 2SC5454 Datasheet HTML 2Page - NEC 2SC5454 Datasheet HTML 3Page - NEC 2SC5454 Datasheet HTML 4Page - NEC 2SC5454 Datasheet HTML 5Page - NEC 2SC5454 Datasheet HTML 6Page - NEC 2SC5454 Datasheet HTML 7Page - NEC 2SC5454 Datasheet HTML 8Page - NEC 2SC5454 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©
1998
PRELIMINARY DATA SHEET
FEATURE
•
High gain, low noise
•
Small reverse transfer capacitance
•
Can operate at low voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C)
PARAMETER
SYMBOL
RATING
UNIT
Collector to Base Voltage
VCBO
9V
Collector to Emitter Voltage
VCEO
6V
Emitter to Base Voltage
VEBO
2V
Collector Current
IC
50
mA
Total Power Dissipation
PT
200
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
–65 to +150
°C
SILICON TRANSISTOR
2SC5454
NPN EPITAXIAL SILICON TRANSISTOR
4-PIN MINI MOLD
Document No. P13080EJ1V0DS00 (1st edition)
Date Published February 1998 N CP(K)
Printed in Japan
ELECTRICAL CHARACTERISTICS (TA = 25
°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB = 5 V, IE = 0
0.1
µA
Emitter Cut-off Current
IEBO
VEB = 1 V, IC = 0
0.1
µA
DC Current Gain
hFE
VCE = 3 V, IC = 20 mANote 1
75
150
Gain Bandwidth Product
fT
VCE = 3 V, IC = 20 mA, f = 2 GHz
14.5
GHz
Reverse Transfer Capacitance
Cre
VCB = 3 V, IE = 0, f = 1 MHzNote 2
0.3
0.5
pF
Insertion Power Gain
|S21e|2
VCE = 3 V, IC = 20 mA, f = 2 GHz
10
12.0
dB
Noise Figure
NF
VCE = 3 V, IC = 5 mA, f = 2 GHz
1.5
2.5
dB
Notes 1. Pulse measurement PW
≤ 350
µs, duty cycle ≤ 2 %
2. Collector to base capacitance measured by capacitance meter (automatic balance bridge method) when
emitter pin is connected to the guard pin.
Because this product uses high-frequency process, avoid excessive input of static electricity, etc.
The information in this document is subject to change without notice.
PACKAGE DIMENSIONS (in mm)
5°
5°
5°
5°
2.8
+0.2
–0.3
1.5
+0.2
–0.1
PIN CONNECTIONS
1: Collector
2: Emitter
3: Base
4: Emitter


Similar Part No. - 2SC5454

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC5454 RENESAS-2SC5454 Datasheet
188Kb / 14P
NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
logo
California Eastern Labs
2SC5454 CEL-2SC5454 Datasheet
2Mb / 9P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Renesas Technology Corp
2SC5454 RENESAS-2SC5454_15 Datasheet
188Kb / 14P
NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
More results

Similar Description - 2SC5454

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3618 NEC-2SC3618 Datasheet
228Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC4570 NEC-2SC4570 Datasheet
66Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR SUPER MINI MOLD
2SC5455 NEC-2SC5455 Datasheet
79Kb / 12P
NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
logo
Renesas Technology Corp
2SC1623-T1B-A RENESAS-2SC1623-T1B-A Datasheet
229Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC5454 RENESAS-2SC5454 Datasheet
188Kb / 14P
NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
2SC5455 RENESAS-2SC5455 Datasheet
189Kb / 14P
NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
2SC1623 RENESAS-2SC1623_15 Datasheet
229Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2SC5454 RENESAS-2SC5454_15 Datasheet
188Kb / 14P
NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
2SC5455 RENESAS-2SC5455_15 Datasheet
189Kb / 14P
NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
2SC1623A RENESAS-2SC1623A Datasheet
301Kb / 7P
NPN SILICON EPITAXIAL TRANSISTOR MINI MOLD
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com