Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC5455 Datasheet(PDF) 6 Page - NEC

Part # 2SC5455
Description  NPN EPITAXIAL SILICON TRANSISTOR 4-PIN MINI MOLD
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC5455 Datasheet(HTML) 6 Page - NEC

Back Button 2SC5455 Datasheet HTML 2Page - NEC 2SC5455 Datasheet HTML 3Page - NEC 2SC5455 Datasheet HTML 4Page - NEC 2SC5455 Datasheet HTML 5Page - NEC 2SC5455 Datasheet HTML 6Page - NEC 2SC5455 Datasheet HTML 7Page - NEC 2SC5455 Datasheet HTML 8Page - NEC 2SC5455 Datasheet HTML 9Page - NEC 2SC5455 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2SC5455
6
Preliminary Data Sheet
2SC5455
S PARAMETER
VCE = 3.0 V, IC = 20.0 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.608
–59.0
33.348
145.2
0.020
65.2
0.820
–35.6
200.00
0.556
–99.3
24.680
123.3
0.031
52.4
0.613
–58.4
300.00
0.527
–124.7
18.769
110.1
0.038
48.1
0.470
–73.0
400.00
0.505
–142.0
14.726
101.4
0.042
46.0
0.382
–83.6
500.00
0.510
–153.8
12.083
94.2
0.047
46.7
0.322
–91.6
600.00
0.508
–163.0
10.226
88.7
0.051
47.5
0.287
–98.7
700.00
0.509
–170.7
8.816
83.9
0.055
48.0
0.256
–105.3
800.00
0.512
–177.0
7.760
79.8
0.059
48.4
0.241
–111.0
900.00
0.516
177.7
6.889
76.2
0.064
49.2
0.227
–116.8
1000.00
0.521
172.7
6.214
72.4
0.068
49.1
0.218
–121.8
1100.00
0.525
168.4
5.654
68.9
0.073
49.0
0.216
–127.6
1200.00
0.531
164.1
5.188
65.9
0.077
49.4
0.211
–131.7
1300.00
0.538
160.4
4.795
62.7
0.083
48.9
0.214
–136.8
1400.00
0.544
156.8
4.447
59.7
0.087
49.0
0.215
–140.8
1500.00
0.551
153.4
4.162
56.7
0.091
48.2
0.220
–146.1
1600.00
0.557
150.3
3.883
53.7
0.096
47.7
0.224
–148.7
1700.00
0.566
147.4
3.660
50.7
0.101
47.1
0.233
–153.2
1800.00
0.571
144.6
3.453
47.8
0.106
46.5
0.236
–156.3
1900.00
0.580
141.8
3.253
44.8
0.110
45.5
0.245
–161.2
2000.00
0.586
139.6
3.086
42.1
0.115
45.0
0.247
–162.1
2100.00
0.594
136.7
2.917
39.2
0.119
44.3
0.261
–166.9
2200.00
0.602
134.6
2.784
36.5
0.124
43.3
0.260
–167.6
2300.00
0.607
132.0
2.638
34.1
0.128
42.6
0.279
–172.6
2400.00
0.617
129.8
2.509
31.5
0.132
41.5
0.274
–172.3
2500.00
0.617
127.7
2.409
29.4
0.136
41.2
0.296
–175.9
2600.00
0.628
125.5
2.287
27.0
0.142
40.3
0.298
–175.6
2700.00
0.633
123.9
2.216
24.3
0.147
39.3
0.318
–179.5
2800.00
0.641
121.5
2.119
22.4
0.151
38.2
0.323
179.6
2900.00
0.647
119.9
2.033
19.8
0.156
36.9
0.341
177.1
3000.00
0.651
117.7
1.959
18.0
0.160
36.0
0.347
175.1
VCE = 3.0 V, IC = 30.0 mA, Z0 = 50
FREQUENCY
S11
S21
S12
S22
MHz
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
100.00
0.540
–70.7
38.305
140.7
0.019
63.3
0.773
–41.2
200.00
0.512
–112.4
26.801
118.8
0.028
51.9
0.547
–65.8
300.00
0.500
–136.0
19.773
106.5
0.033
49.4
0.415
–80.8
400.00
0.503
–150.9
15.344
98.5
0.037
51.0
0.337
–92.0
500.00
0.500
–161.7
12.506
91.8
0.043
51.3
0.285
–100.3
600.00
0.502
–169.8
10.529
86.8
0.048
52.1
0.256
–107.8
700.00
0.508
–176.6
9.061
82.3
0.053
52.6
0.234
–114.9
800.00
0.511
177.8
7.950
78.4
0.057
52.8
0.222
–120.7
900.00
0.516
172.6
7.064
74.9
0.062
53.0
0.213
–126.9
1000.00
0.521
168.2
6.367
71.5
0.068
53.6
0.208
–132.0
1100.00
0.526
164.3
5.804
68.3
0.073
53.1
0.207
–137.8
1200.00
0.533
160.3
5.306
65.2
0.078
53.2
0.207
–142.0
1300.00
0.539
156.9
4.899
62.2
0.083
52.2
0.211
–146.3
1400.00
0.545
153.5
4.553
59.2
0.088
51.8
0.213
–150.9
1500.00
0.553
150.6
4.263
56.4
0.093
51.2
0.221
–154.8
1600.00
0.559
147.5
3.967
53.5
0.098
50.8
0.226
–157.3
1700.00
0.567
144.8
3.744
50.4
0.104
49.5
0.233
–162.3
1800.00
0.572
142.2
3.528
47.8
0.108
48.2
0.241
–164.1
1900.00
0.582
139.6
3.334
44.8
0.113
47.4
0.251
–168.2
2000.00
0.587
137.4
3.161
42.3
0.118
46.6
0.251
–169.9
2100.00
0.594
134.7
2.992
39.4
0.123
45.5
0.268
–174.0
2200.00
0.603
132.7
2.847
36.8
0.128
44.4
0.265
–175.0
2300.00
0.607
130.3
2.695
34.4
0.132
43.5
0.285
–179.0
2400.00
0.618
128.1
2.564
31.8
0.136
42.9
0.280
–178.5
2500.00
0.617
126.1
2.459
29.9
0.140
42.0
0.302
177.6
2600.00
0.628
123.9
2.339
27.6
0.146
40.9
0.302
177.7
2700.00
0.633
122.5
2.263
24.8
0.150
40.0
0.326
174.6
2800.00
0.641
120.0
2.165
23.1
0.155
38.9
0.328
173.7
2900.00
0.648
118.6
2.077
20.5
0.160
37.4
0.346
171.5
3000.00
0.652
116.4
2.003
18.9
0.164
36.1
0.352
169.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com