Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32652A2222 Datasheet(PDF) 13 Page - EPCOS

Part # B32652A2222
Description  Metallized Polypropylene Film Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32652A2222 Datasheet(HTML) 13 Page - EPCOS

Back Button B32652A2222 Datasheet HTML 9Page - EPCOS B32652A2222 Datasheet HTML 10Page - EPCOS B32652A2222 Datasheet HTML 11Page - EPCOS B32652A2222 Datasheet HTML 12Page - EPCOS B32652A2222 Datasheet HTML 13Page - EPCOS B32652A2222 Datasheet HTML 14Page - EPCOS B32652A2222 Datasheet HTML 15Page - EPCOS B32652A2222 Datasheet HTML 16Page - EPCOS B32652A2222 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 39 page
background image
Ordering codes and packing units (lead spacing 22.5 mm)
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Ammo
pack
pcs./MOQ
Reel
pcs./
MOQ
Untaped
pcs./
MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
289 = Ammo pack
189 = Reel
000 = Untaped (lead length 6
1 mm)
1000
250
33
6.0
× 15.0 × 26.5 B32653A0333+*** 2720
2800
2880
47
6.0
× 15.0 × 26.5 B32653A0473+*** 2720
2800
2880
68
6.0
× 15.0 × 26.5 B32653A0683+*** 2720
2800
2880
100
8.5
× 16.5 × 26.5 B32653A0104+*** 1920
2000
2040
150
10.5
× 16.5 × 26.5 B32653A0154+*** 1560
1600
2160
220
11.0
× 20.5 × 26.5 B32653A0224+*** 1480
1400
2040
330
14.5
× 29.5 × 26.5 B32653A0334+000
2160
470
14.5
× 29.5 × 26.5 B32653A0474+000
2160
560
14.5
× 29.5 × 26.5 B32653A0564+000
2160
1250
500
22
6.0
× 15.0 × 26.5 B32653A7223+*** 2720
2800
2880
33
6.0
× 15.0 × 26.5 B32653A7333+*** 2720
2800
2880
47
8.5
× 16.5 × 26.5 B32653A7473+*** 1920
2000
2040
68
10.5
× 16.5 × 26.5 B32653A7683+*** 1560
1600
2160
100
11.0
× 20.5 × 26.5 B32653A7104+*** 1480
1400
2040
120
12.0
× 22.0 × 26.5 B32653A7124+000
1800
150
14.5
× 29.5 × 26.5 B32653A7154+000
1040
220
14.5
× 29.5 × 26.5 B32653A7224+000
1040
1600
500
6.8
6.0
× 15.0 × 26.5 B32653A1682+*** 2720
2800
2880
10
6.0
× 15.0 × 26.5 B32653A1103+*** 2720
2800
2880
15
7.0
× 16.0 × 26.5 B32653A1153+*** 2320
2400
2520
22
8.5
× 16.5 × 26.5 B32653A1223+*** 1920
2000
2040
33
10.5
× 16.5 × 26.5 B32653A1333+*** 1560
1600
2160
47
11.0
× 20.5 × 26.5 B32653A1473+*** 1480
1400
2040
56
12.0
× 22.0 × 26.5 B32653A1563+000
1800
68
14.5
× 29.5 × 26.5 B32653A1683+000
1040
82
14.5
× 29.5 × 26.5 B32653A1823+000
1040
100
14.5
× 29.5 × 26.5 B32653A1104+000
1040
B32653
High pulse (wound)
Page 13 of 39
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com