Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32652A2222 Datasheet(PDF) 18 Page - EPCOS

Part # B32652A2222
Description  Metallized Polypropylene Film Capacitors
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32652A2222 Datasheet(HTML) 18 Page - EPCOS

Back Button B32652A2222 Datasheet HTML 14Page - EPCOS B32652A2222 Datasheet HTML 15Page - EPCOS B32652A2222 Datasheet HTML 16Page - EPCOS B32652A2222 Datasheet HTML 17Page - EPCOS B32652A2222 Datasheet HTML 18Page - EPCOS B32652A2222 Datasheet HTML 19Page - EPCOS B32652A2222 Datasheet HTML 20Page - EPCOS B32652A2222 Datasheet HTML 21Page - EPCOS B32652A2222 Datasheet HTML 22Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
VR
V DC
VRMS
f
≤1 kHz
V AC
CR
nF
Max. dimensions
w
× h × l
mm
Ordering code
(composition see
below)
Untaped
pcs./MOQ
MOQ = Minimum Order Quantity, consisting of 4 packing units.
Further E series and intermediate capacitance values on request.
Composition of ordering code
+ =
Capacitance tolerance code:
*** = Packaging code:
K =
±10%
J =
±5%
000 = Untaped (lead length 6
1 mm)
1600
600
100
12.0
× 22.0 × 42.0
B32656J1104+000
1620
150
14.0
× 25.0 × 42.0
B32656J1154+000
1380
150
24.0
× 15.0 × 41.5
B32656T1154+000
1040
220
16.0
× 28.5 × 42.0
B32656J1224+000
800
220
24.0
× 19.0 × 41.5
B32656T1224+000
780
330
20.0
× 39.5 × 41.5
B32656J1334+000
640
470
28.0
× 37.0 × 42.0
B32656J1474+000
440
560
28.0
× 37.0 × 42.0
B32656J1564+000
440
680
28.0
× 42.5 × 41.5
B32656J1684+000
440
820
30.0
× 45.0 × 42.0
B32656J1824+000
400
2000
700
100
14.0
× 25.0 × 42.0
B32656J2104+000
1380
100
24.0
× 15.0 × 41.5
B32656T2104+000
1040
120
24.0
× 19.0 × 41.5
B32656T2124+000
780
150
18.0
× 32.5 × 42.0
B32656J2154+000
720
220
20.0
× 39.5 × 42.0
B32656J2224+000
640
330
28.0
× 37.0 × 42.0
B32656J2334+000
440
470
30.0
× 45.0 × 42.0
B32656J2474+000
400
B32656
High pulse (wound)
Page 18 of 39
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com