Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4938ND Datasheet(PDF) 7 Page - STMicroelectronics

Part # L4938ND
Description  DUAL MULTIFUNCTION VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ND Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L4938ND Datasheet HTML 3Page - STMicroelectronics L4938ND Datasheet HTML 4Page - STMicroelectronics L4938ND Datasheet HTML 5Page - STMicroelectronics L4938ND Datasheet HTML 6Page - STMicroelectronics L4938ND Datasheet HTML 7Page - STMicroelectronics L4938ND Datasheet HTML 8Page - STMicroelectronics L4938ND Datasheet HTML 9Page - STMicroelectronics L4938ND Datasheet HTML 10Page - STMicroelectronics L4938ND Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
RESET CIRCUIT
The block circuit diagram of the reset circuit is shown
in fig. 4. The reset circuit supervises the standby out-
put voltage. The reset threshold of 4.7V is defined
by the internal reference voltage and the standby
output divider.
The reset pulse delay time tRD, is defined by the
charge time of an external capacitor CT :
CT x 2V
tRD =
2
µA
The reaction time of the reset circuit depends on the
discharge time limitation of the reset capacitor CT
and is proportional to the value of CT.
The reaction time of the reset circuit increases the
noise immunity. In fact, if the standby output voltage
drops below the reset threshold for a time shorter
than the reaction time tRR, no reset output variation
occurs. The nominal reset delay is generated for
standby output voltage drops longer than the time
necessary for the complete discharging of the ca-
pacitor CT. This time is typically equal to 50
µs if
CT = 100nF. The typical reset output waveforms are
shown in fig. 5.
SENSE COMPARATOR
This circuit compares an input signal with an internal
voltage reference of typically 1.23V. The use of an
external voltage divider makes the comparator very
flexible in the application. This function can be used
to supervise the input voltage - either before or after
the protection diode - and to give additional informa-
tion to the microprocessor such as low voltage warn-
ings.
If this feature is not used SI and SO have to con-
nected to GND. In this case the St-by quiescent cur-
rent (14V) increases from 290
µA to 300µA.
Figure 4: Block Diagram of the Reset Circuit.
L4938N - L4938ND - L4938NPD
7/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com