Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L4938ND Datasheet(PDF) 4 Page - STMicroelectronics

Part # L4938ND
Description  DUAL MULTIFUNCTION VOLTAGE REGULATOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L4938ND Datasheet(HTML) 4 Page - STMicroelectronics

  L4938ND Datasheet HTML 1Page - STMicroelectronics L4938ND Datasheet HTML 2Page - STMicroelectronics L4938ND Datasheet HTML 3Page - STMicroelectronics L4938ND Datasheet HTML 4Page - STMicroelectronics L4938ND Datasheet HTML 5Page - STMicroelectronics L4938ND Datasheet HTML 6Page - STMicroelectronics L4938ND Datasheet HTML 7Page - STMicroelectronics L4938ND Datasheet HTML 8Page - STMicroelectronics L4938ND Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
ELECTRICAL CHARACTERISTICS (VS = 14V; –40
°C ≤ TJ ≤ 125°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VS
Operating Supply Voltage
25
V
VO1
Standby Output Voltage
6V
≤ VS ≤ 25V
1mA
≤ IO1 ≤ 50mA
4.90
5.00
5.10
V
VO2 - VO1
Output Voltage 2 Tracking Error
(note 1)
6V
≤ VS ≤ 25V
5mA
≤ IO2 ≤ 500mA
Enable = LOW
–25
+25
mV
IADJ
ADJ Input Current
IO1 = 1mA; IO2 = 5mA
–1
0.1
1
µA
VDP1
Dropout Voltage 1
IO1 = 10mA
IO1 = 50mA
0.1
0.2
0.25
0.4
V
V
VIO1
Input to Output Voltage
Difference in Undervoltage
Condition
VS = 4V, IO1 = 35mA
0.4
V
VDP2
Dropout Voltage 2
IO1 = 100mA
IO1 = 500mA
0.2
0.3
0.3
0.6
V
V
VIO2
Input to Output Voltage
Difference in Undervoltage
Condition
VS = 4.6V, IO1 = 350mA
0.6
V
VOL 1.2
Line Regulation
6V
≤ VS ≤ 25V
IO1 = 1mA; IO2 = 5mA
20
mV
VOLO1
Load Regulation 1
1mA
≤ IO1 ≤ 50mA
25
mV
VOLO2
Load Regulation 2
5mA
≤ IO2 ≤ 500mA
50
mV
ILIM1
Current Limit 1
VO1 = 4.5V
VO1 = 0V (note 2)
55
25
100
50
200
100
mA
mA
ILIM2
Current Limit 2
VO2 = 0V
550
1000
1700
mA
IQSB
Quiescent Current Standby Mode
(output 2 disabled)
IO1 = 0.3mA; TJ < 100
°C
VEN
≥ 2.4V
VS = 14V
VS = 3.5V
210
340
290
850
µA
µA
IQ
Quiescent Current
IO1 = 50mA
IO1 = 500mA
30
mA
ENABLE
VENL
Enable Input LOW Voltage
(output 2 active)
–0.3
1.5
V
VENH
Enable Input HIGH Voltage
2.4
7
V
VENhyst
Enable Hysteresis
30
75
200
mV
IEN
Enable Input Current
0V < VEN < 1.2V
2.5V < VEN < 7V
–10
–1
–1.5
0
–0.5
+1
µA
µA
L4938N - L4938ND - L4938NPD
4/12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com