Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS05LL4 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # KS05LL4
Description  Ultra Low Capacitance ESD Protection for high- speed interfaces
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KS05LL4 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  KS05LL4 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KS05LL4 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KS05LL4 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KS05LL4
36W, 5V
Ultra Low Capacitance
ESD Protection for high-speed interfaces
Elektronische Bauelemente
14-Jun-2012 Rev. A
Page 1 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
=
Date Code
6H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-fre
DESCRIPTION
The KS05LL4 is a transient voltage suppressors (TVS)
which provide a very high level protection for sensitive electronic
components that may be subjected to electrostatic discharge (ESD).
It is designed to replace multiplayer varistors (MLV) in consumer
equipments applications such as mobile phone, notebook, PAD,
STB, LCD TV etc.
The KS05LL4 was past ESD transient voltage up to ±8KV
(contact) according to IEC61000-4-2 and withstand peak current
up to 3A for 8/20us pulse according to IEC61000-4-5.
The KS05LL4 is available in SOT-553 package. Standard
products are Pb-free and Halogen-free.
APPLICATIONS
TVs, monitors , audio
Portable devices
Notebooks, mother boards, graphic cards and ports.
Set-top box and game consoles.
FEATURES
Working voltage: 5V
Peak power (tp=8/20us): 36W
ESD protection--
IEC61000-4-2 (Contact): ±8KV
IEC61000-4-2 (Air): ±15KV
Low leakage current
Small package
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-553
3K
7 inch
SOT-553
(Top view)
E
F
J
B
C
D
G
A
H
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.20
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.60
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
-
0.05


Similar Part No. - KS05LL4

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
KS05LL4 SECOS-KS05LL4_15 Datasheet
256Kb / 3P
ESD Protection for high- speed interfaces
More results

Similar Description - KS05LL4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CM1263-02SE ONSEMI-CM1263-02SE Datasheet
116Kb / 6P
Low Capacitance ESD Protection for High-Speed Serial Interfaces
April 2010 Rev. 2
CM1263-06DE ONSEMI-CM1263-06DE Datasheet
283Kb / 7P
Low Capacitance ESD Protection for High-Speed Serial Interfaces
April 2010 ??Rev. 3
logo
NXP Semiconductors
IP4283CZ10 NXP-IP4283CZ10 Datasheet
72Kb / 10P
ESD protection for ultra high-speed interfaces
Rev. 01-7 May 2009
logo
SeCoS Halbleitertechnol...
KS05UL5 SECOS-KS05UL5 Datasheet
775Kb / 3P
Ultra Low Capacitance ESD Protection for high-speed interfaces
KS05ULA5 SECOS-KS05ULA5 Datasheet
289Kb / 3P
Ultra Low Capacitance ESD Protection for high- speed interfaces
SBESD5301N SECOS-SBESD5301N Datasheet
354Kb / 3P
Ultra Low Capacitance ESD Protection for high-speed interfaces
logo
ON Semiconductor
CM1263-02SE ONSEMI-CM1263-02SE_11 Datasheet
87Kb / 4P
Low Capacitance ESD Protection for High-Speed Serial Interfaces
March, 2011 ??Rev. 3
CM1263-06DE ONSEMI-CM1263-06DE_13 Datasheet
98Kb / 4P
Low Capacitance ESD Protection for High-Speed Serial Interfaces
September, 2013 ??Rev. 5
logo
SeCoS Halbleitertechnol...
KS03LL4 SECOS-KS03LL4 Datasheet
332Kb / 3P
20W, 3V Ultra Low Capacitance ESD Protection for High- Speed Interfaces
SBESD0801S SECOS-SBESD0801S Datasheet
165Kb / 3P
56W, 5V Ultra Low Capacitance ESD Protection for high-speed interfaces
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com