Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KS05LL4 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # KS05LL4
Description  Ultra Low Capacitance ESD Protection for high- speed interfaces
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

KS05LL4 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  KS05LL4 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH KS05LL4 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH KS05LL4 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KS05LL4
36W, 5V
Ultra Low Capacitance
ESD Protection for high-speed interfaces
Elektronische Bauelemente
14-Jun-2012 Rev. A
Page 2 of 3
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Rating
Symbol
Value
Unit
IEC 61000-4-2 (ESD)
Air contact
VESD
±15
kV
Contact discharge
±8
Peak pulse power (tp=8/20us)
PPK
36
W
Peak pulse current (tp=8/20us)
IPP
3
A
Operation & Storage temperature range
TJ, TSTG
150, -55 ~ 150
°C
Lead temperature
TL
260
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
Reverse Working Voltage
VRWM
IR=1uA
-
-
5
V
Reverse Leakage Current
IR
VRWM =5V
-
-
1
µ
A
Reverse Breakdown Voltage
VBR
IT=1mA
6.2
6.8
7.5
V
Forward Voltage
VF
IF =10mA
0.4
0.8
1.2
V
Clamping Voltage
VClamp
IPP=1A, tp=8/20us
-
-
9
V
IPP=3A, tp=8/20us
-
-
12
Junction capacitance
CJ
I/O-to-GND
VR=0, f=1MHz
-
16
20
pF
I/O-to-I/O
VR=0, f=1MHz
-
8
10
pF
RATINGS AND CHARACTERISTICS CURVES



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com