Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSI2007 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSI2007
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSI2007 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSI2007 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Elektronische Bauelemente
SSI2007
N-Ch: 0.8A, 20V, RDS(ON) 260 m
P-Ch: -0.56A, -20V, RDS(ON) 800 m
N & P-Ch Enhancement Mode Power MOSFET
17-Dec-2013 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A Suffix of “-C” specifies halogen & lead-free
DESCRIPTIONS
The SSI2007 is N and P Channel enhancement MOS Field
Effect Transistor. Uses advanced trench technology and
design to provide excellent RDS (ON)with low gate charge.
This device is suitable for use in DC-DC conversion, load
switch and level shift.
MECHANICAL DATA
Trench Technology
Supper high density cell design
Excellent ON resistance
Extremely Low Threshold Voltage
APPLICATION
DC-DC converter circuit
Load Switch
DEVICE MARKING:
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOT-563
3K
7’ inch
MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Part Number
N-Channel
P-Channel
Parameter
Symbol
10S
Steady State
10S
Steady State
Unit
Drain – Source Voltage
VDS
20
-20
V
Gate – Source Voltage
VGS
±6
V
TA= 25°C
0.88
0.8
-0.64
-0.56
Continuous Drain Current
1
TA= 70°C
ID
0.71
0.64
-0.51
-0.45
A
TA= 25°C
0.37
0.3
0.37
0.29
Power Dissipation
1
TA= 70°C
PD
0.23
0.19
0.23
0.18
W
TA= 25°C
0.76
0.69
-0.54
-0.5
Continuous Drain Current
2
TA= 70°C
ID
0.6
0.55
-0.43
-0.4
A
TA= 25°C
0.27
0.22
0.27
0.22
Power Dissipation
2
TA= 70°C
PD
0.17
0.14
0.17
0.14
W
Pulsed Drain Current
3
IDM
1.4
-1
A
Maximum Junction-to-Lead
RθJL
260
°C / W
Operating Junction & Storage Temperature
Range
TJ, TSTG
150, -55~150
°C
SOT-563
07*
E
F
J
B
C
D
G
A
H
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.50
1.70
F
0.09
0.16
B
1.50
1.70
G
0.45
0.55
C
0.525
0.60
H
0.17
0.27
D
1.10
1.30
J
0.10
0.30
E
-
0.05
Date Code
Top View


Similar Part No. - SSI2007

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSI2007 SECOS-SSI2007_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSI2007

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG2601 SECOS-SSG2601_15 Datasheet
733Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com