Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSI2007 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSI2007
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSI2007 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSI2007 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSI2007 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Elektronische Bauelemente
SSI2007
N-Ch: 0.8A, 20V, RDS(ON) 260 m
P-Ch: -0.56A, -20V, RDS(ON) 800 m
N & P-Ch Enhancement Mode Power MOSFET
17-Dec-2013 Rev. A
Page 2 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
THERMAL RESISTANCE RATINGS
Note:
1. Surface mounted on FR4 Board using 1 square inch pad size, 1oz copper.
2. Surface mounted on FR4 board using minimum pad size, 1oz copper
3. Repetitive rating, pulse width limited by junction temperature, tp=10µs, Duty Cycle=1%
4. Repetitive rating, pulse width limited by junction temperature TJ=150°C.
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
N-Ch
20
-
-
VGS=0, ID=250µA
Drain-Source Breakdown Voltage
P-Ch
V(BR)DSS
-20
-
-
V
VGS=0, ID=-250µA
N-Ch
-
-
100
VDS=20V, VGS=0
Zero Gate Voltage Drain Current
P-Ch
IDSS
-
-
-100
nA
VDS= -20V, VGS=0
N-Ch
-
-
±5
Gate-Source Leakage
P-Ch
IGSS
-
-
±5
µA
VDS=0 , VGS= ±5V
N-Ch
0.45
0.58
0.85
VDS=VGS, ID=250µA
Gate-Threshold Voltage
P-Ch
VGS(TH)
-0.45
-0.55
-0.8
V
VDS=VGS, ID= -250µA
N-Ch
-
220
260
VGS=4.5V, ID=0.55A
P-Ch
-
600
800
VGS= -4.5V, ID= -0.45A
N-Ch
-
260
310
VGS=2.5V, ID=0.45A
P-Ch
-
780
1000
VGS= -2.5V, ID= -0.35A
N-Ch
-
320
380
VGS=1.8V, ID=0.35A
Drain-Source On Resistance
P-Ch
RDS(ON)
-
960
1250
m
VGS= -1.8V, ID= -0.25A
N-Ch
-
2
-
VDS=5V, ID= 0.55A
Forward Transconductance
P-Ch
gFS
-
1.25
-
S
VDS= -5V, ID= -0.45A
Body-Drain Diode Ratings
N-Ch
0.5
0.7
1.1
IS=150mA, VGS=0
Diode Forward On–Voltage
P-Ch
VSD
-0.5
-0.65
-1.1
V
IS= -150mA, VGS=0
Part Number
N-Channel
P-Channel
Parameter
Symbol
Typ.
Max.
Typ.
Max.
Unit
T≦10S
285
335
290
335
Junction-to-Ambient Thermal Resistance
1
Steady State
RθJA
340
405
350
430
T≦10S
385
450
385
460
Junction-to-Ambient Thermal Resistance
2
Steady State
RθJA
455
545
465
555
Junction-to-Case Thermal Resistance
Steady State
RθJC
260
300
280
320
°C / W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com