Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSP7444N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSP7444N
Description  N-Channel Enhancement MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSP7444N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSP7444N Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSP7444N Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSP7444N Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSP7444N Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Elektronische Bauelemente
SSP7444N
34A, 40V, RDS(ON) 3 mΩ
Ω
Ω
Ω
N-Channel Enhancement MOSFET
27-Nov-2013 Rev. A
Page 1 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low RDS(on) trench technology.
Low thermal impedance.
Fast switching speed.
APPLICATIONS
White LED boost converters.
Automotive Systems.
Industrial DC/DC Conversion Circuits.
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8PP
3K
13 inch
ABSOLUTE MAXIMUM RATINGS(TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
40
V
Gate-Source Voltage
VGS
±20
V
TA=25°C
34
Continuous Drain Current
1
TA=70°C
ID
27
A
Pulsed Drain Current
2
IDM
100
A
Continuous Source Current (Diode Conduction)
1
IS
8.1
A
TA=25°C
5
Power Dissipation
1
TA=70°C
PD
3.2
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Resistance Data
t≦10 sec
25
Maximum Junction to Ambient
1
Steady State
RθJA
65
°C / W
Notes:
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
0.85
1.00
θ
0
°
10
°
B
5.40
5.60
b
5.10
5.30
C
0.15
0.25
c
0.30
0.50
D
3.71
3.91
d
1.27BSC
E
5.95
6.15
e
5.45
5.65
F
0.08
0.24
f
0.20
0.35
G
4.25
4.45
g
1.10
-
SOP-8PP


Similar Part No. - SSP7444N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SSP7444N VBSEMI-SSP7444N Datasheet
1Mb / 7P
N-Channel 40 V (D-S) MOSFET
logo
SeCoS Halbleitertechnol...
SSP7444N SECOS-SSP7444N_15 Datasheet
477Kb / 4P
N-Channel Enhancement MOSFET
More results

Similar Description - SSP7444N

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S2N7002KW SECOS-S2N7002KW Datasheet
542Kb / 2P
N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
N-Channel Enhancement MOSFET
SMG2322N SECOS-SMG2322N Datasheet
567Kb / 4P
N-Channel Enhancement MOSFET
SSP7200N SECOS-SSP7200N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7436N SECOS-SSP7436N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
SSP7464N SECOS-SSP7464N Datasheet
167Kb / 2P
N-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
2N7002E KEXIN-2N7002E_15 Datasheet
1Mb / 2P
N-Channel Enhancement MOSFET
AO3414 KEXIN-AO3414 Datasheet
1Mb / 4P
N-Channel Enhancement MOSFET
KX6N70F KEXIN-KX6N70F Datasheet
4Mb / 4P
N-Channel Enhancement MOSFET
SI2324DS KEXIN-SI2324DS Datasheet
2Mb / 6P
N-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com