Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECOS1CP103BA Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECOS1CP103BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1CP103BA Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECOS1CP103BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TS-UP Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
35 x 30
1.66
2.32
0.614
0.215
ECOS2VP271EA
150
30 x 25
1.16
1.62
1.105
0.387
ECOS2GP151DA
330
25 x 50
1.88
2.63
0.502
0.176
ECOS2VP331CA
35 x 20
0.60
0.84
1.326
0.464
ECOS2GP151EL
30 x 35
1.88
2.63
0.502
0.176
ECOS2VP331DX
180
22 x 45
1.44
2.02
0.921
0.322
ECOS2GP181BA
30 x 40
1.88
2.63
0.502
0.176
ECOS2VP331DA
25 x 30
1.44
2.02
0.921
0.322
ECOS2GP181CX
35 x 30
1.88
2.63
0.502
0.176
ECOS2VP331EA
25 x 35
1.44
2.02
0.921
0.322
ECOS2GP181CA
390
25 x 50
2.06
2.88
0.425
0.149
ECOS2VP391CX
220
22 x 50
1.49
2.09
0.754
0.264
ECOS2GP221BA
30 x 40
2.06
2.88
0.425
0.149
ECOS2VP391DX
25 x 40
1.49
2.09
0.754
0.264
ECOS2GP221CA
30 x 45
2.06
2.88
0.468
0.164
ECOS2VP391DA
30 x 30
1.49
2.09
0.754
0.264
ECOS2GP221DA
35 x 30
2.06
2.88
0.425
0.149
ECOS2VP391EX
270
25 x 45
1.67
2.34
0.675
0.236
ECOS2GP271CA
35 x 35
2.06
2.88
0.425
0.149
ECOS2VP391EA
30 x 35
1.67
2.34
0.675
0.236
ECOS2GP271DA
470
30 x 50
2.40
3.36
0.388
0.136
ECOS2VP471DA
35 x 30
1.67
2.34
0.675
0.236
ECOS2GP271EA
35 x 35
2.40
3.36
0.353
0.123
ECOS2VP471EX
330
30 x 40
1.90
2.66
0.553
0.193
ECOS2GP331DA
35 x 40
2.40
3.36
0.353
0.123
ECOS2VP471EA
35 x 30
1.90
2.66
0.553
0.193
ECOS2GP331EX
560
30 x 50
2.60
3.64
0.326
0.114
ECOS2VP561DX
35 x 35
1.90
2.66
0.553
0.193
ECOS2GP331EA
35 x 40
2.60
3.64
0.296
0.104
ECOS2VP561EX
390
30 x 45
2.13
2.98
0.468
0.164
ECOS2GP391DA
35 x 45
2.60
3.64
0.296
0.104
ECOS2VP561EA
35 x 35
2.13
2.98
0.468
0.164
ECOS2GP391EX
680
35 x 45
2.96
4.14
0.293
0.117
ECOS2VP681EX
35 x 40
2.13
2.98
0.468
0.164
ECOS2GP391EA
35 x 50
2.96
4.14
0.293
0.117
ECOS2VP681EA
470
35 x 40
2.39
3.35
0.388
0.136
ECOS2GP471EX
820
35 x 50
3.55
4.97
0.243
0.097
ECOS2VP821EX
35 x 45
2.39
3.35
0.388
0.136
ECOS2GP471EA
560
35 x 45
2.69
3.77
0.326
0.114
ECOS2GP561EX
47
22 x 20
0.25
0.35
4.233
1.481
ECOS2TP470BL
35 x 50
2.69
3.77
0.326
0.114
ECOS2GP561EA
68
22 x 25
0.76
1.06
2.438
0.853
ECOS2TP680BA
680
35 x 50
3.00
4.20
0.268
0.094
ECOS2GP681EX
25 x 20
0.35
0.49
2.926
1.024
ECOS2TP680CL
82
22 x 25
0.83
1.16
2.022
0.708
ECOS2TP820BA
82
22 x 30
0.83
1.16
2.426
0.849
ECOS2SP820BA
100
22 x 30
0.92
1.29
1.658
0.580
ECOS2TP101BA
100
22 x 30
0.92
1.29
1.989
0.696
ECOS2SP101BA
25 x 25
0.92
1.29
1.658
0.580
ECOS2TP101CA
25 x 25
0.92
1.29
1.989
0.696
ECOS2SP101CA
30 x 20
0.47
0.66
1.989
0.696
ECOS2TP101DL
120
22 x 35
1.02
1.43
1.658
0.580
ECOS2SP121BA
120
22 x 35
1.02
1.43
1.382
0.553
ECOS2TP121BA
25 x 30
1.02
1.43
1.658
0.580
ECOS2SP121CA
25 x 25
1.02
1.43
1.382
0.553
ECOS2TP121CX
150
22 x 40
1.16
1.62
1.326
0.464
ECOS2SP151BA
25 x 30
1.02
1.43
1.382
0.553
ECOS2TP121CA
25 x 30
1.16
1.62
1.326
0.464
ECOS2SP151CA
150
22 x 35
1.16
1.62
1.105
0.442
ECOS2TP151BX
30 x 25
1.16
1.62
1.326
0.464
ECOS2SP151DA
22 x 40
1.16
1.62
1.105
0.442
ECOS2TP151BA
180
22 x 45
1.44
2.02
1.105
0.387
ECOS2SP181BA
25 x 30
1.16
1.62
1.105
0.442
ECOS2TP151CA
25 x 35
1.44
2.02
1.105
0.387
ECOS2SP181CA
30 x 25
1.16
1.62
1.105
0.442
ECOS2TP151DA
30 x 30
1.44
2.02
1.105
0.387
ECOS2SP181DA
35 x 20
0.60
0.84
1.326
0.531
ECOS2TP151EL
220
25 x 45
1.49
2.09
0.904
0.316
ECOS2SP221CA
180
22 x 40
1.44
2.02
0.921
0.368
ECOS2TP181BX
30 x 30
1.49
2.09
0.904
0.316
ECOS2SP221DA
22 x 45
1.44
2.02
0.921
0.368
ECOS2TP181BA
35 x 25
1.49
2.09
0.904
0.316
ECOS2SP221EA
25 x 30
1.44
2.02
0.921
0.368
ECOS2TP181CX
270
25 x 50
1.67
2.34
0.737
0.258
ECOS2SP271CA
25 x 35
1.44
2.02
0.921
0.368
ECOS2TP181CA
30 x 35
1.67
2.34
0.737
0.258
ECOS2SP271DA
30 x 25
1.44
2.02
0.921
0.368
ECOS2TP181DX
35 x 30
1.67
2.34
0.737
0.258
ECOS2SP271EA
30 x 30
1.44
2.02
0.921
0.368
ECOS2TP181DA
330
30 x 45
1.90
2.66
0.603
0.211
ECOS2SP331DA
220
22 x 45
1.49
2.09
0.829
0.373
ECOS2TP221BX
35 x 35
1.90
2.66
0.603
0.211
ECOS2SP331EA
22 x 50
1.49
2.09
0.829
0.373
ECOS2TP221BA
390
30 x 50
2.13
2.98
0.510
0.179
ECOS2SP391DA
25 x 40
1.49
2.09
0.829
0.373
ECOS2TP221CA
35 x 40
2.13
2.98
0.510
0.179
ECOS2SP391EA
30 x 30
1.49
2.09
0.829
0.373
ECOS2TP221DA
470
35 x 45
2.39
3.35
0.423
0.148
ECOS2SP471EA
270
25 x 45
1.67
2.34
0.675
0.304
ECOS2TP271CA
560
35 x 50
2.69
3.77
0.355
0.124
ECOS2SP561EA
30 x 35
1.67
2.34
0.675
0.304
ECOS2TP271DA
35 x 25
1.67
2.34
0.675
0.304
ECOS2TP271EX
33
22 x 20
0.20
0.28
6.028
2.411
ECOS2WP330BL
35 x 30
1.67
2.34
0.675
0.304
ECOS2TP271EA
22 x 25
0.41
0.57
6.028
2.411
ECOS2WP330BA
330
25 x 50
1.90
2.66
0.553
0.249
ECOS2TP331CX
47
22 x 25
0.59
0.83
4.233
1.693
ECOS2WP470BA
30 x 40
1.90
2.66
0.553
0.249
ECOS2TP331DA
25 x 20
0.29
0.41
4.233
1.693
ECOS2WP470CL
35 x 30
1.90
2.66
0.553
0.249
ECOS2TP331EX
56
22 x 25
0.70
0.98
2.960
1.184
ECOS2WP560BA
35 x 35
1.90
2.66
0.553
0.249
ECOS2TP331EA
68
30 x 20
0.38
0.53
2.926
1.170
ECOS2WP680DL
390
30 x 45
2.13
2.98
0.468
0.210
ECOS2TP391DA
82
22 x 30
0.83
1.16
2.022
0.809
ECOS2WP820BA
35 x 35
2.13
2.98
0.468
0.210
ECOS2TP391EX
25 x 25
0.83
1.16
2.022
0.809
ECOS2WP820CA
35 x 40
2.13
2.98
0.468
0.210
ECOS2TP391EA
100
22 x 35
0.93
1.30
1.658
0.663
ECOS2WP101BA
470
30 x 50
2.39
3.35
0.388
0.175
ECOS2TP471DA
35 x 20
0.52
0.73
1.989
0.796
ECOS2WP101EL
35 x 40
2.39
3.35
0.388
0.175
ECOS2TP471EX
120
22 x 40
1.04
1.46
1.382
0.553
ECOS2WP121BA
35 x 45
2.39
3.35
0.388
0.175
ECOS2TP471EA
25 x 30
1.04
1.46
1.382
0.553
ECOS2WP121CA
560
35 x 45
2.69
3.77
0.326
0.147
ECOS2TP561EX
30 x 25
1.04
1.46
1.382
0.553
ECOS2WP121DA
35 x 50
2.69
3.77
0.326
0.147
ECOS2TP561EA
150
22 x 50
1.19
1.67
1.105
0.442
ECOS2WP151BA
680
35 x 50
3.00
4.20
0.268
0.121
ECOS2TP681EX
25 x 40
1.19
1.67
1.105
0.442
ECOS2WP151CA
30 x 30
1.19
1.67
1.105
0.442
ECOS2WP151DA
47
22 x 20
0.25
0.35
3.527
1.235
ECOS2GP470BL
180
25 x 40
1.35
1.89
0.921
0.368
ECOS2WP181CX
22 x 25
0.47
0.66
3.527
1.235
ECOS2GP470BA
25 x 45
1.35
1.89
0.921
0.368
ECOS2WP181CA
68
22 x 25
0.69
0.97
2.438
0.853
ECOS2GP680BA
30 x 30
1.35
1.89
0.921
0.368
ECOS2WP181DX
25 x 20
0.35
0.49
2.926
1.024
ECOS2GP680CL
30 x 35
1.35
1.89
0.921
0.368
ECOS2WP181DA
82
22 x 25
0.83
1.16
2.022
0.708
ECOS2GP820BA
35 x 25
1.35
1.89
0.921
0.368
ECOS2WP181EA
100
22 x 30
0.92
1.29
1.658
0.580
ECOS2GP101BA
220
25 x 45
1.55
2.17
0.754
0.301
ECOS2WP221CX
25 x 25
0.92
1.29
1.658
0.580
ECOS2GP101CA
25 x 50
1.55
2.17
0.754
0.301
ECOS2WP221CA
30 x 20
0.47
0.66
1.989
0.696
ECOS2GP101DL
30 x 35
1.55
2.17
0.754
0.301
ECOS2WP221DX
120
22 x 35
1.02
1.43
1.382
0.484
ECOS2GP121BA
30 x 40
1.55
2.17
0.754
0.301
ECOS2WP221DA
25 x 25
1.02
1.43
1.382
0.484
ECOS2GP121CX
35 x 30
1.55
2.17
0.754
0.301
ECOS2WP221EA
150
22 x 40
1.16
1.62
1.105
0.387
ECOS2GP151BA
270
30 x 45
1.78
2.49
0.675
0.270
ECOS2WP271DA
25 x 30
1.16
1.62
1.105
0.387
ECOS2GP151CA
35 x 30
1.78
2.49
0.614
0.246
ECOS2WP271EX
400 VDC Working, 450 VDC Surge (continued)
Size (mm)
Max. 85°C R.C. (Arms)
D x L
385 VDC Working, 435 VDC Surge
D x L
350 VDC Working, 400 VDC Surge (continued)
Max. 20°C ESR (
Ω
Ω
Ω
Ω)
Max. 20°C ESR (
Ω
Ω
Ω
Ω)
Max. 85°C R.C. (Arms)
Size (mm)
420 VDC Working, 470 VDC Surge
450 VDC Working, 500 VDC Surge
400 VDC Working, 450 VDC Surge
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com