Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECOS1CP103BA Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECOS1CP103BA
Description  Large Can Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1CP103BA Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECOS1CP103BA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1CP103BA Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TS-UP Standard Ratings (continued)
Cap.
Panasonic
(µF)
120Hz
10kHz~
120Hz
20kHz
Part Number
270
35 x 35
1.78
2.49
0.675
0.270
ECOS2WP271EA
330
30 x 50
2.01
2.81
0.553
0.249
ECOS2WP331DA
35 x 35
2.01
2.81
0.553
0.221
ECOS2WP331EX
35 x 40
2.01
2.81
0.553
0.249
ECOS2WP331EA
390
35 x 45
2.24
3.14
0.510
0.255
ECOS2WP391EA
470
35 x 45
2.53
3.54
0.423
0.233
ECOS2WP471EX
35 x 50
2.53
3.54
0.423
0.233
ECOS2WP471EA
47
22 x 25
0.63
0.88
3.527
1.411
ECOS2HP470BA
56
22 x 30
0.70
0.98
2.960
1.184
ECOS2HP560BA
68
22 x 35
0.78
1.09
2.438
0.975
ECOS2HP680BA
25 x 25
0.78
1.09
2.438
0.975
ECOS2HP680CA
82
22 x 40
0.88
1.23
2.022
0.809
ECOS2HP820BA
25 x 30
0.88
1.23
2.022
0.809
ECOS2HP820CA
100
22 x 45
0.99
1.39
1.658
0.663
ECOS2HP101BA
25 x 35
0.99
1.39
1.658
0.663
ECOS2HP101CA
120
22 x 50
1.13
1.58
1.382
0.553
ECOS2HP121BA
25 x 40
1.13
1.58
1.382
0.553
ECOS2HP121CA
30 x 30
1.13
1.58
1.382
0.553
ECOS2HP121DA
150
25 x 45
1.29
1.80
1.105
0.442
ECOS2HP151CA
30 x 35
1.29
1.80
1.105
0.442
ECOS2HP151DA
35 x 25
1.20
1.68
1.105
0.442
ECOS2HP151EA
180
25 x 50
1.38
1.93
0.921
0.368
ECOS2HP181CA
30 x 40
1.38
1.93
0.921
0.368
ECOS2HP181DA
35 x 30
1.36
1.90
0.921
0.368
ECOS2HP181EA
220
30 x 45
1.50
2.10
0.754
0.339
ECOS2HP221DA
35 x 35
1.54
2.16
0.754
0.301
ECOS2HP221EA
270
35 x 40
1.76
2.46
0.614
0.276
ECOS2HP271EA
330
35 x 45
1.99
2.79
0.502
0.251
ECOS2HP331EA
390
35 x 50
2.22
3.11
0.425
0.234
ECOS2HP391EA
450 VDC Working, 500 VDC Surge (continued)
Max. 20°C ESR (
Ω
Ω
Ω
Ω)
Max. 85°C R.C. (Arms)
D x L
Size (mm)
500 VDC Working, 550 VDC Surge (continued)
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com