Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQE6104F Datasheet(PDF) 8 Page - Panasonic Semiconductor

Part # ECQE6104F
Description  Metallized Polyester Film Capacitor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQE6104F Datasheet(HTML) 8 Page - Panasonic Semiconductor

  ECQE6104F Datasheet HTML 1Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 2Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 3Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 4Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 5Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 6Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 7Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 8Page - Panasonic Semiconductor ECQE6104F Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Plastic Film Capacitors
IRating, Dimensions & Quantity/Ammo Box
GRated voltage : 125 VAC, Capacitance tolerance : ±5 %(J), ±10 %(K)
GNoise suppression Capacitors (Across-the-line)
H max.
Straight Crimped lead
Part No.
0.010
10.5
4.5
7.5
12.5
7.5
7.5
1.0
0.60
0.012
10.5
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.015
10.5
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.018
10.5
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.022
10.5
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.027
10.5
4.4
7.5
12.5
7.5
7.5
1.0
0.60
0.033
10.5
4.5
7.8
12.8
7.5
7.5
1.0
0.60
0.039
10.5
4.5
7.8
12.8
7.5
7.5
1.0
0.60
0.047
10.5
5.5
8.0
13.0
7.5
7.5
1.0
0.60
0.056
10.5
5.9
8.5
13.5
7.5
7.5
1.0
0.60
0.068
10.5
6.3
9.4
14.4
7.5
7.5
1.0
0.60
0.082
10.5
6.5
9.8
14.8
7.5
7.5
1.0
0.60
0.10
10.5
6.5
11.8
16.8
7.5
7.5
1.0
0.60
0.12
12.5
5.9
11.5
16.5
10.0
10.0
1.0
0.60
0.15
12.5
6.5
12.0
17.0
10.0
10.0
1.0
0.60
0.18
12.5
7.0
12.5
17.5
10.0
10.0
1.0
0.60
0.22
12.5
7.5
13.4
18.4
10.0
10.0
1.0
0.60
0.27
18.5
6.3
12.0
17.0
15.0
10.0
1.0
0.60
0.33
18.5
6.9
12.5
17.5
15.0
10.0
1.0
0.60
0.39
18.5
7.4
13.0
18.0
15.0
10.0
1.0
0.60
0.47
18.5
7.5
15.3
20.3
15.0
10.0
1.0
0.60
0.56
26.0
6.0
13.5
18.5
22.5
7.5
1.0
0.80
0.68
26.0
6.5
14.5
19.5
22.5
7.5
1.0
0.80
0.82
26.0
7.0
15.0
20.0
22.5
7.5
1.0
0.80
1.0
26.0
8.0
15.5
20.5
22.5
7.5
1.0
0.80
1.2
26.0
8.5
16.5
21.5
22.5
7.5
1.0
0.80
1.5
26.0
9.5
17.5
22.5
22.5
7.5
1.0
0.80
1.8
26.0
10.5
18.0
23.0
22.5
7.5
1.5
0.80
2.2
26.0
12.0
20.0
25.0
22.5
7.5
1.5
0.80
ECQE1A103
□F( )
ECQE1A123
□F( )
ECQE1A153
□F( )
ECQE1A183
□F( )
ECQE1A223
□F( )
ECQE1A273
□F( )
ECQE1A333
□F( )
ECQE1A393
□F( )
ECQE1A473
□F( )
ECQE1A563
□F( )
ECQE1A683
□F( )
ECQE1A823
□F( )
ECQE1A104
□F( )
ECQE1A124
□F( )
ECQE1A154
□F( )
ECQE1A184
□F( )
ECQE1A224
□F( )
ECQE1A274
□F( )
ECQE1A334
□F( )
ECQE1A394
□F( )
ECQE1A474
□F( )
ECQE1A564P( )( )
ECQE1A684P( )( )
ECQE1A824P( )( )
ECQE1A105P( )( )
ECQE1A125P( )( )
ECQE1A155P( )( )
ECQE1A185P( )( )
ECQE1A225P( )( )
Cap.
(µF)
Quantity
1000
−
1000
500
500
400
500
400
300
200
600
500
−
500
−
Dimensions (mm)
L max.
T max.
FS
Straight Crimped lead
φd
G max.
Straight
Standard
5 mm
Odd size
5 mm
Odd size
7.5 mm
Style N,style D:0.010 µF to 0.22 µF
Style T,style B:0.27 µF to 0.47 µF
Suffix for lead crimped or taped type.
Cap. tol. code
MF( )
Table 1
❈Please consult us about Crimed lead type of 0.56 µF to 2.2 µF.
Notice for AC rated
AC rated capacitors complying with clause 1 of ''Electrical Appliance and Material Safety Law''.
As for clause 2 of ''Electrical Appliance and Material Safety Law'', please use ECQUL type or ECQUG type.
When using these capacitors as a across-the-line capacitor, it shall be required to follow either item 1. or item 2. condition.
1. Capacitor shall be connected in parallel with varistor (Specified varistor voltage in table 1.)
2. Voltage applied for capacitor shall not exceed other than specified in table 1, when using these capacitors.
Cap. Rated Voltage
125 VAC
Varistor voltage
250 V
Pulse voltage
250 V0–P



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com