| Electronic Components Datasheet Search |
|
ECQE6104F Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
|
|||||||||||||||||||||||||||||
ECQE6104F Datasheet(HTML) 2 Page - Panasonic Semiconductor |
|
2 / 9 page ![]() Design, Specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use. Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail. Plastic Film Capacitors IDimensions in mm (not to scale) IPackaging Specifications for Bulk Package Packing quantity:100 pcs./bag ITaping Specifications for Automatic Insertion GTaping style ❈Refer to the page of taping specifications. 100 VDC 250 VDC 400 VDC 630 VDC 1000 VDC 1250 VDC 125 VAC 250 VAC ECQE (F) AD AS AB BC D E 0.56 to 0.68 ○ Ammo ( ) F3 0.56 to 0.68 ○ Reel ( ) F9 0.82 to 1.0 ○ Ammo ( ) F3 1.2 to 3.3 ○ Ammo ( ) F3 1.2 to 3.3 ○ Ammo R( ) F 0.010 to 0.27 ○ Ammo ( ) F3 0.33 ○ Ammo ( ) F3 0.39 to 1.5 ○ Ammo ( ) F3 0.010 to 0.33 ○ Ammo R( ) F 0.39 to 1.5 ○ Ammo R( ) F 0.010 to 0.10 ○ Ammo ( ) F3 0.12 to 0.47 ○ Ammo ( ) F3 0.010 to 0.10 ○ Reel ( ) F9 0.010 to 0.10 ○ Ammo R( ) F 0.12 to 0.47 ○ Ammo R( ) F 0.0010 to 0.033 ○ Ammo ( ) F3 0.039 to 0.047 ○ Ammo ( ) F3 0.056 to 0.22 ○ Ammo ( ) F3 0.010 to 0.047 ○ Reel ( ) F9 0.0010 to 0.047 ○ Ammo R( ) F 0.056 to 0.22 ○ Ammo R( ) F 0.0010 to 0.10 ○ Ammo R( ) F 0.0010 to 0.022 ○ Ammo R( ) F 0.010 to 0.15 ○ Ammo ( ) F6 0.18 to 0.47 ○ Ammo ( ) F3 0.010 to 0.22 ○ Ammo R( ) F 0.27 to 0.47 ○ Ammo R( ) F 0.010 to 0.033 ○ Ammo ( ) F6 0.010 to 0.047 ○ Ammo R( ) F 0.056 to 0.22 ○ Ammo R( ) F GPackaging Specifications Cap. range (µF) Taping style Packing suffix Rated volt. Type Style AD AB B C D E Lead Spacing 5.0 mm 5.0 mm 5.0 mm 5.0 mm 7.5 mm 7.5 mm ❈See the column “Rating, Dimensions & Quantity Box” for packing quantity. GLead Spacing |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |