Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG4510 Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4510
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4510 Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SSG4510 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSG4510
N & P-Ch Enhancement Mode Power MOSFET
N-Ch: 2.5 A, 100 V, RDS(ON) 112 mΩ
Ω
Ω
Ω
P-Ch: -2.5A, -100 V, RDS(ON) 180 mΩ
Ω
Ω
Ω
Elektronische Bauelemente
18-Jun-2012 Rev. A
Page 1 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
4510SS
= Date Code
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
DESCRIPTION
The SSG4510 provide the designer with the best
combination of fast switching, ruggedized device design,
low on-resistance and cost-effectiveness.
The SOP-8 package is universally preferred for all
commercial-industrial surface mount applications and
suited for low voltage applications such as DC/DC converters.
FEATURES
Simple Drive Requirement
Lower On-resistance
Fast Switching Performance
MARKING
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOP-8
2.5K
13 inch
ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
N-Ch
P-Ch
Drain-Source Voltage
VDS
100
-100
V
Gate-Source Voltage
VGS
±20
±20
V
Continuous Drain Current
3
TA=25°C
ID
2.5
-2.5
A
TA=70°C
2
-2
A
Pulsed Drain Current
1
IDM
10
-10
A
Total Power Dissipation
TA=25°C
PD
2
W
Operating Junction and Storage Temperature Range
TJ, TSTG
-55~150
°C
Thermal Data
Thermal Resistance Junction-ambient
3
RθJA
62.5
°C / W
SOP-8
A
H
B
M
D
C
J
K
F
L
E
N
G
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
5.80
6.20
H
0.35
0.49
B
4.80
5.00
J
0.375 REF.
C
3.80
4.00
K
45°
D
0°
8°
L
1.35
1.75
E
0.40
0.90
M
0.10
0.25
F
0.19
0.25
N
0.25 REF.
G
1.27 TYP.
G
G
S
S
D
D
D
D


Similar Part No. - SSG4510

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
SSG4510 DOINGTER-SSG4510 Datasheet
2Mb / 7P
N-Channel and P-Channel MOSFET use advanced trench Technology
logo
SeCoS Halbleitertechnol...
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4510

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4520H SECOS-SSG4520H Datasheet
1Mb / 6P
N & P-Ch Enhancement Mode Power MOSFET
SSI2007 SECOS-SSI2007 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG2601 SECOS-SSG2601_15 Datasheet
733Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4502CE SECOS-SSG4502CE_15 Datasheet
3Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4510 SECOS-SSG4510_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG5509A SECOS-SSG5509A_15 Datasheet
1Mb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSI3439J SECOS-SSI3439J Datasheet
606Kb / 4P
N & P-Ch Enhancement Mode Power MOSFET
SPRD4504-C SECOS-SPRD4504-C Datasheet
429Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
SSPRD6560-C SECOS-SSPRD6560-C Datasheet
593Kb / 7P
N & P-Ch Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com