Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSG4510 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4510
Description  N & P-Ch Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4510 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSG4510 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4510 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
SSG4510
N & P-Ch Enhancement Mode Power MOSFET
N-Ch: 2.5 A, 100 V, RDS(ON) 112 mΩ
Ω
Ω
Ω
P-Ch: -2.5A, -100 V, RDS(ON) 180 mΩ
Ω
Ω
Ω
Elektronische Bauelemente
18-Jun-2012 Rev. A
Page 3 of 7
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
P-CHANNEL ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
-100
-
-
V
VGS=0, ID= -250µA
Gate Threshold Voltage
VGS(th)
-1
-
-2.5
V
VDS=VGS, ID= -250µA
Forward Transconductance
gfs
-
7
-
S
VDS= -5V, ID= -2A
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS=±20V
Drain-Source Leakage Current
TJ=25°C
IDSS
-
-
-1
µA
VDS= -80V, VGS=0
TJ=55°C
-
-
-5
Static Drain-Source On-Resistance
2
RDS(ON)
-
-
180
m
VGS= -10V, ID= -2A
-
-
210
VGS= -4.5V, ID= -1A
Total Gate Charge
2
Qg
-
31
-
nC
ID= -1.5A
VDS= -80V
VGS= -10V
Gate-Source Charge
Qgs
-
6.3
-
Gate-Drain (“Miller”) Change
Qgd
-
4.5
-
Turn-on Delay Time
2
Td(on)
-
12
-
nS
VDS= -50V
VGS= -10V
ID= -1A
RG=3.3
RD=15
Rise Time
Tr
-
55
-
Turn-off Delay Time
Td(off)
-
40
-
Fall Time
Tf
-
40
-
Input Capacitance
Ciss
-
1066
-
pF
VGS=0
VDS= -20V
f=1.0MHz
Output Capacitance
Coss
-
365
-
Reverse Transfer Capacitance
Crss
-
55
-
Source-Drain Diode
Forward On Voltage
2
VSD
-
-
-1.2
V
IS= -1A, VGS=0V
Continuous Source Current(Body Diode)
IS
-
-
-2.5
A
VD= VG=0V, VS= -1.2V
Pulsed Source Current(Body Diode)
1
ISM
-
-
-10
A
Notes:
1. Pulse width limited by Max. junction temperature.
2. Pulse width≦300us, duty cycle≦2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 135℃/W when mounted on Min. copper pad.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com