Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1615 Datasheet(PDF) 3 Page - NEC

Part # 2SD1615
Description  NPN SILICON EPITAXIAL TRANSISTORS POWER MINI MOLD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD1615 Datasheet(HTML) 3 Page - NEC

  2SD1615 Datasheet HTML 1Page - NEC 2SD1615 Datasheet HTML 2Page - NEC 2SD1615 Datasheet HTML 3Page - NEC 2SD1615 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SD1615, 2SD1615A
3
0.01 0.02
0.05 0.1 0.2
0.5
1
2
5
10
1
2
5
10
20
50
100
200
500
1000
GAIN BANDWIDTH PRODUCT vs.
EMITTER CURRENT
IC – Collector Current – A
VEC = 2.0 V
1
2
5
10
20
50
100
2
5
10
20
50
100
OUTPUT CAPCITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCB – Collector to Base Voltage – V
IE = 0
f = 1.0 MHZ
0.01 0.02
0.05
0.1
0.2
0.5
1
IC – Collector Current – A
0.05
0.1
0.2
0.5
1
2
SWITCHING TIME vs.
COLLECTOR CURRENT
VCC = 10 V
IC = 10.IBI = –10.IB2
VBE(off) = –2 to 3 V
PW = 2 s
Duty Cycle
≤ 2 %
µ
..
tf
ton
tstg
REFERENCE
Document Name
Document No.
NEC semiconductor device reliability/quality control system.
TEI-1202
Quality grade on NEC semiconductor devices.
IEI-1209
Semiconductor device mounting technology manual.
IEI-1207
Semiconductor device package manual.
IEI-1213
Guide to quality assurance for semiconductor devices.
MEI-1202
Semiconductor selection guide.
MF-1134



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com