Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1615 Datasheet(PDF) 1 Page - NEC

Part # 2SD1615
Description  NPN SILICON EPITAXIAL TRANSISTORS POWER MINI MOLD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SD1615 Datasheet(HTML) 1 Page - NEC

  2SD1615 Datasheet HTML 1Page - NEC 2SD1615 Datasheet HTML 2Page - NEC 2SD1615 Datasheet HTML 3Page - NEC 2SD1615 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SILICON TRANSISTORS
2SD1615, 2SD1615A
Document No. D10198EJ3V0DSD0 (3rd edition)
(Previous No. TC-5810A)
Date Published June 1995 P
Printed in Japan
NPN SILICON EPITAXIAL TRANSISTORS
POWER MINI MOLD
DESCRIPTION
2SD1615, 1615A are designed for audio frequency power amplifier and switching application, especially
in Hybrid Integrated Circuits.
FEATURES
•
World Standard Miniature Package
•
Low VCE (sat) VCE(sat) = 0.15 V
•
Complement to 2SB1115, 2SD1115A
ABSOLUTE MAXIMUM RATINGS
Maximum Voltages and Currents (TA = 25 ˚C)
2SD1615
2SD1615A
Collector to Base Voltage
VCBO
60
120
V
Collector to Emitter Voltage
VCEO
50
60
V
Emitter to Base Voltage
VEBO
6A
Collector Current (DC)
IC
1A
Collector Current (Pulse)*
IC
2A
Maximum Power Dissipation
Total Power Dissipation
at 25 ˚C Ambient Temperature** PT
2.0
W
Maximum Temperatures
Junction Temperature
Tj
150
˚C
Storage Temperature Range
Tstg
–55 to +150
˚C
* PW
≤ 10 ms, Duty Cycle ≤ 50 %
** When mounted on ceramic substrate of 16 cm2
× 0.7 mm
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Collector Cutoff Current
ICBO
100
nA
2SD1615
VCB = 60 V, IE = 0
100
nA
2SD1615A
VCB = 120 V, IE = 0
Emitter Cutoff Current
IEBO
100
nA
VEB = 6.0 V, IC = 0
DC Current Gain
hFE1***
135
290
600
2SC1615
VCE = 2.0 V, IC = 100 mA
135
400
2SD1615A
DC Current Gain
hFE2***
81
270
VCE = 2.0 V, IC = 1.0 A
Collector Saturation Voltage
VCE(sat)***
0.15
0.3
V
IC = 1.0 A, IB = 50 mA
Base Saturation Voltage
VBE(sat)***
0.9
1.2
V
IC = 1.0 A, IB = 50 mA
Base to Emitter Voltage
VBE***
600
700
mV
VCE = 2.0 V, IC = 50 mA
Gain Bandwidth Product
fT
80
160
MHz
VCE = 2.0 V, IE = –100 mA
Output Capacitance
Cob
19
pF
VCB = 10 V, IE = 0, f = 1.0 MHz
*** Pulsed: PW
≤ 350
µs, Duty Cycle ≤ 2 %
hFE Classification
MARKING
2SD1615
GM
GL
GK
2SD1615A
GQ
GP
hFE
135 to 270
200 to 400
300 to 600
©
1985
DATA SHEET
C
EB
4.5±0.1
1.6±0.2
0.42±0.06
0.42
±0.06
1.5±0.1
1.5
3.0
0.41
+0.03
– 0.05
1. Emitter
2. Collector
3. Base
0.47
±0.06
PACKAGE DIMENSIONS
in millimeters


Similar Part No. - 2SD1615

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SD1615 KEXIN-2SD1615 Datasheet
52Kb / 1P
NPN Silicon Epitaxial Transistor
logo
Renesas Technology Corp
2SD1615 RENESAS-2SD1615 Datasheet
210Kb / 6P
Old Company Name in Catalogs and Other Documents
2SD1615 RENESAS-2SD1615 Datasheet
210Kb / 6P
Old Company Name in Catalogs and Other Documents
logo
SHIKUES Electronics
2SD1615 SKTECHNOLGY-2SD1615 Datasheet
721Kb / 1P
World Standard Miniature Package
logo
Shanghai Leiditech Elec...
2SD1615 LEIDITECH-2SD1615 Datasheet
560Kb / 1P
World Standard Miniature Package
More results

Similar Description - 2SD1615

ManufacturerPart #DatasheetDescription
logo
NEC
2SC3357 NEC-2SC3357 Datasheet
77Kb / 8P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3554 NEC-2SC3554 Datasheet
195Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3618 NEC-2SC3618 Datasheet
228Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1001 NEC-2SD1001 Datasheet
208Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1006 NEC-2SD1006 Datasheet
223Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1699 NEC-2SD1699 Datasheet
198Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SD1702 NEC-2SD1702 Datasheet
197Kb / 4P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
logo
Renesas Technology Corp
2SD1950-T1-AZ RENESAS-2SD1950-T1-AZ Datasheet
1Mb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3554 RENESAS-2SC3554_15 Datasheet
1Mb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
2SC3617 RENESAS-2SC3617_15 Datasheet
346Kb / 6P
NPN SILICON EPITAXIAL TRANSISTOR POWER MINI MOLD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com