Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MASWSS0204 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # MASWSS0204
Description  GaAs SPDT 2.7 V High Power Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MASWSS0204 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  MASWSS0204 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MASWSS0204 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MASWSS0204 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT 2.7 V High Power Switch
DC - 3.0 GHz
Rev. V3
MASWSS0204
2
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.43537383
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: TA = 25°C, Vc = 0 V/2.7 V, Z0 = 50 Ω
3
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
4. Insertion loss can be optimized by varying the DC blocking capacitor value, e.g. 1000 pF for 100 MHz - 1 GHz, 39 pF for 0.5 - 3 GHz.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
4
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
0.30
0.35
0.35
0.65
Isolation
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
23
25
19
15
Return Loss
DC - 3 GHz
dB
20
IP3
825 MHz
Two Tone, +24 dBm Total Pin, 5 MHz Spacing
dBm
56
Cross Modulation
For Cell Band: Two-tone signal input:
TX1 = +22 dBm @ 820 MHz,
TX2 = +22 dBm @ 821 MHz,
RX interfere = -23 dBm @ 869 MHz.
dBm
-99
For PCS Band: Two-tone signal input:
TX1 = +18 dBm @ 1880 MHz,
TX2 = +18 dBm @ 1881 MHz,
RX interfere = -23 dBm @ 1960 MHz.
dBm
-94
P0.1dB
1 GHz
dBm
38
Trise, Tfall
10% to 90% RF, 90% to 10% RF
ns
70
Ton, Toff
50% control to 90% RF,
50% control to 10% RF
ns
100
Transients
In Band
mV
25
Control Current
VC = 2.7 V
µA
5
20
Truth Table 7,8,9
7. For positive voltage control, external DC blocking capacitors
are required on all RF ports.
8. Differential voltage, V(state 1) - V(state 0), must be +2.7 V
minimum, but must not exceed 8.5 V.
9. 0 = -5 V to +2.3 V, 1 = -2.3 V to +5 V.
V1
V2
ANT– RF1
ANT - RF2
1
0
On
Off
0
1
Off
On
Absolute Maximum Ratings 5,6
Parameter
Absolute Maximum
Input Power
(0.5 - 3 GHz, 3 V Control)
+38 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
5. Exceeding any one or combination of these limits may cause
permanent damage to this device.
6. M/A-COM Technology does not recommend sustained
operation near these survivability limits.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com